Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF4N01HD Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMDF4N01HD
Description  DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF4N01HD Datasheet(HTML) 2 Page - Motorola, Inc

  MMDF4N01HD Datasheet HTML 1Page - Motorola, Inc MMDF4N01HD Datasheet HTML 2Page - Motorola, Inc MMDF4N01HD Datasheet HTML 3Page - Motorola, Inc MMDF4N01HD Datasheet HTML 4Page - Motorola, Inc MMDF4N01HD Datasheet HTML 5Page - Motorola, Inc MMDF4N01HD Datasheet HTML 6Page - Motorola, Inc MMDF4N01HD Datasheet HTML 7Page - Motorola, Inc MMDF4N01HD Datasheet HTML 8Page - Motorola, Inc MMDF4N01HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMDF4N01HD
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
—
—
2.0
—
—
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 12 Vdc, VGS = 0 Vdc)
(VDS = 12 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
—
—
—
—
1.0
10
µAdc
Gate–Body Leakage Current (VGS = ± 8.0 Vdc, VDS = 0)
IGSS
—
—
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
Temperature Coefficient (Negative)
VGS(th)
0.6
—
0.8
2.8
1.1
—
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(VGS = 4.5 Vdc, ID = 4.0 Adc)
(VGS = 2.7 Vdc, ID = 2.0 Adc)
RDS(on)
—
—
0.035
0.043
0.045
0.055
Ohm
Forward Transconductance (VDS = 2.5 Vdc, ID = 2.0 Adc)
gFS
3.0
6.0
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 10 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
—
425
595
pF
Output Capacitance
(VDS = 10 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
—
270
378
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
—
115
230
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 6.0 Vdc, ID = 4.0 Adc,
VGS = 2.7 Vdc,
RG = 2.3 Ω)
td(on)
—
13
26
ns
Rise Time
(VDD = 6.0 Vdc, ID = 4.0 Adc,
VGS = 2.7 Vdc,
RG = 2.3 Ω)
tr
—
60
120
Turn–Off Delay Time
VGS = 2.7 Vdc,
RG = 2.3 Ω)
td(off)
—
20
40
Fall Time
G = 2.3 Ω)
tf
—
29
58
Turn–On Delay Time
(VDD = 6.0 Vdc, ID = 4.0 Adc,
VGS = 4.5 Vdc,
RG = 2.3 Ω)
td(on)
—
10
20
Rise Time
(VDD = 6.0 Vdc, ID = 4.0 Adc,
VGS = 4.5 Vdc,
RG = 2.3 Ω)
tr
—
42
84
Turn–Off Delay Time
VGS = 4.5 Vdc,
RG = 2.3 Ω)
td(off)
—
24
48
Fall Time
G = 2.3 Ω)
tf
—
28
56
Gate Charge
(See Figure 8)
(VDS = 10 Vdc, ID = 4.0 Adc,
VGS = 4.5 Vdc)
QT
—
9.2
13
nC
(See Figure 8)
(VDS = 10 Vdc, ID = 4.0 Adc,
VGS = 4.5 Vdc)
Q1
—
1.3
—
(VDS = 10 Vdc, ID = 4.0 Adc,
VGS = 4.5 Vdc)
Q2
—
3.5
—
Q3
—
3.0
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage(1)
(IS = 4.0 Adc, VGS = 0 Vdc)
(IS = 4.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
—
—
0.95
0.78
1.1
—
Vdc
Reverse Recovery Time
(IS = 4.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
—
38
—
ns
Reverse Recovery Time
(IS = 4.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
—
38
—
ns
(IS = 4.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
—
17
—
(IS = 4.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
—
22
—
Reverse Recovery Stored Charge
QRR
—
0.028
—
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com