Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE44546 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44546
Description  7/16 DIN Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44546 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44546 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44546 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
Configuration
Connector
7/16 DIN Female
Connector Interface Type
PE-C400,0.400 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.89 [48.01]
Width/Dia., in [mm]
1.14 [28.96]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
7/16 DIN Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch PE44546
URL: http://www.pasternack.com/7-16-female-standard-pe-c400-0.400-connector-pe44546-p.aspx
PE44546
PE44546 REV
7/16 DIN Female Connector Crimp/Solder
Attachment For PE-C400, 0.400 inch


Similar Part No. - PE44546

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4454 PASTERNACK-PE4454 Datasheet
119Kb / 1P
TNC MALE RIGHT ANLGE CLAMP ATTACHMENT
PE44540 PASTERNACK-PE44540 Datasheet
288Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C195, 0.195 inch
PE44541 PASTERNACK-PE44541 Datasheet
263Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44543 PASTERNACK-PE44543 Datasheet
215Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C600, 0.600 inch
More results

Similar Description - PE44546

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PE44547 PASTERNACK-PE44547 Datasheet
283Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE4698 PASTERNACK-PE4698 Datasheet
259Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE44545 PASTERNACK-PE44545 Datasheet
281Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44550 PASTERNACK-PE44550 Datasheet
291Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, 1.161 inch DD Hole
PE44534 PASTERNACK-PE44534 Datasheet
213Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44668 PASTERNACK-PE44668 Datasheet
217Kb / 2P
SMA Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE44669 PASTERNACK-PE44669 Datasheet
221Kb / 2P
SMA Female Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE44672 PASTERNACK-PE44672 Datasheet
214Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com