Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTL7583AF Datasheet(PDF) 16 Page - Agere Systems

Part # ATTL7583AF
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7583AF Datasheet(HTML) 16 Page - Agere Systems

Back Button ATTL7583AF Datasheet HTML 12Page - Agere Systems ATTL7583AF Datasheet HTML 13Page - Agere Systems ATTL7583AF Datasheet HTML 14Page - Agere Systems ATTL7583AF Datasheet HTML 15Page - Agere Systems ATTL7583AF Datasheet HTML 16Page - Agere Systems ATTL7583AF Datasheet HTML 17Page - Agere Systems ATTL7583AF Datasheet HTML 18Page - Agere Systems ATTL7583AF Datasheet HTML 19Page - Agere Systems ATTL7583AF Datasheet HTML 20Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Lucent Technologies Inc.
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Application (continued)
Table 16. Truth Table for L7583A/B
1. If TSD = 5 V, the thermal shutdown mechanism is disabled. If TSD is floating, the thermal shutdown mechanism is active.
2. Forcing TSD to ground overrides the logic input pins and forces an all OFF state.
3. Idle/Talk state.
4. TESTout state.
5. TESTin state
6. Power ringing state.
7. Ringing generator test state.
8. Simultaneous TESTout and TESTin state.
9. All OFF state.
A parallel in/parallel out data latch is integrated into the L7583A/B. Operation of the data latch is controlled by the
logic level input pin LATCH. The data input to the latch is the INPUT pin of the L7583A/B, and the output of the data
latch is an internal node used for state control.
When the LATCH control pin is at logic 0, the data latch is transparent and data control signals flow directly from
INPUT, through the data latch to state control. Any changes in INPUT will be reflected in the state of the switches.
When the LATCH control pin is at logic 1, the data latch is active—the L7583A/B will no longer react to changes at
the INPUT control pin. The state of the switches is now latched; that is, the state of the switches will remain as they
were when the LATCH input transitioned from logic 0 to logic 1. The switches will not respond to changes in INPUT
as long as LATCH is held high.
Note that the TSD input is not tied to the data latch. TSD is not affected by the LATCH input. TSD input will override
state control via INPUT and LATCH.
INRING
INTESTin
INTESTout
TSD
TESTin
Switches
Break
Switches
Ring Test
Switches
Ring
Switches
TESTout
Switches
0 V
0 V
0 V
5 V/Float1
Off
On
Off
Off
Off3
0 V
0 V
5 V
5 V/Float1
Off
Off
Off
Off
On4
0 V
5 V
0 V
5 V/Float1
On
Off
Off
Off
Off5
5 V
0 V
0 V
5 V/Float1
Off
Off
Off
On
Off6
5 V
5 V
0 V
5 V/Float1
Off
Off
On
Off
Off7
0 V
5 V
5 V
5 V/Float1
On
Off
Off
Off
On8
5 V
0 V
5 V
5 V/Float1
Off
Off
Off
Off
Off9
5 V
5 V
5 V
5 V/Float1
Off
Off
Off
Off
Off9
Don’t
Care
Don’t
Care
Don’t
Care
0 V2
Off
Off
Off
Off
Off9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com