Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF6N02HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF6N02HD
Description  DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF6N02HD Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF6N02HD Datasheet HTML 1Page - Motorola, Inc MMDF6N02HD Datasheet HTML 2Page - Motorola, Inc MMDF6N02HD Datasheet HTML 3Page - Motorola, Inc MMDF6N02HD Datasheet HTML 4Page - Motorola, Inc MMDF6N02HD Datasheet HTML 5Page - Motorola, Inc MMDF6N02HD Datasheet HTML 6Page - Motorola, Inc MMDF6N02HD Datasheet HTML 7Page - Motorola, Inc MMDF6N02HD Datasheet HTML 8Page - Motorola, Inc MMDF6N02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Dual N-Channel
Field Effect Transistors
Dual HDTMOS devices are an advanced series of power
MOSFETs which utilize Motorola’s High Cell Density TMOS
process. These miniature surface mount MOSFETs feature low
RDS(on) and true logic level performance. Dual HDTMOS devices
are designed for use in low voltage, high speed switching
applications where power efficiency is important. Typical applica-
tions are dc–dc converters, and power management in portable
and battery powered products such as computers, printers, cellular
and cordless phones. They can also be used for low voltage motor
controls in mass storage products such as disk drives and tape
drives.
• Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 12
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 70°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
6.5
6.0
52
Adc
Apk
Total Power Dissipation @ TA = 25°C (1)
PD
2.0
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Thermal Resistance — Junction to Ambient
R
θJA
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes
TL
260
°C
DEVICE MARKING
D6N02H
(1) Mounted on 1” square FR4 or G–10 board (VGS = 4.5 V, @ 10 seconds).
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMDF6N02HDR2
13
″
12mm embossed tape
2500
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
Designer’s and HDTMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Thermal Clad is a trademark of
the Bergquist Company.
Order this document
by MMDF6N02HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
Source–1
1
2
3
4
8
7
6
5
Top View
Gate–1
Source–2
Gate–2
Drain–1
Drain–1
Drain–2
Drain–2
D
S
G
CASE 751–05, Style 11
SO–8
MMDF6N02HD
DUAL TMOS
POWER MOSFET
6.0 AMPERES
20 VOLTS
RDS(on) = 0.035 OHM
Motorola Preferred Device
™
REV 1


Similar Part No. - MMDF6N02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF6N02HD ONSEMI-MMDF6N02HD Datasheet
232Kb / 10P
Power MOSFET
August, 2006 ??Rev. 3
MMDF6N02HDR2 ONSEMI-MMDF6N02HDR2 Datasheet
232Kb / 10P
Power MOSFET
August, 2006 ??Rev. 3
More results

Similar Description - MMDF6N02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF3200Z MOTOROLA-MMDF3200Z Datasheet
86Kb / 4P
DUAL TMOS POWER MOSFET 11.5 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMDF3N02HD MOTOROLA-MMDF3N02HD Datasheet
297Kb / 10P
DUAL TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF5N02Z MOTOROLA-MMDF5N02Z Datasheet
186Kb / 10P
DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
MMFT6N03HD MOTOROLA-MMFT6N03HD Datasheet
74Kb / 4P
TMOS POWER 6.0 AMPERES 30 VOLTS
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
TMOS MOSFET 5.8 AMPERES 20 VOLTS
MTB6N60E MOTOROLA-MTB6N60E Datasheet
192Kb / 10P
TMOS POWER FET 6.0 AMPERES 600 VOLTS
MTB6N60E1 MOTOROLA-MTB6N60E1 Datasheet
160Kb / 8P
TMOS POWER FET 6.0 AMPERES 600 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com