Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4E4 Datasheet(PDF) 4 Page - Agere Systems

Part # OR4E4
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E4 Datasheet(HTML) 4 Page - Agere Systems

  OR4E4 Datasheet HTML 1Page - Agere Systems OR4E4 Datasheet HTML 2Page - Agere Systems OR4E4 Datasheet HTML 3Page - Agere Systems OR4E4 Datasheet HTML 4Page - Agere Systems OR4E4 Datasheet HTML 5Page - Agere Systems OR4E4 Datasheet HTML 6Page - Agere Systems OR4E4 Datasheet HTML 7Page - Agere Systems OR4E4 Datasheet HTML 8Page - Agere Systems OR4E4 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 124 page
background image
4
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Programmable Features (continued)
— New register control in each PFU has two inde-
pendent programmable clocks, clock enables,
local set/reset, and data selects.
— New LUT structure allows flexible combinations of
LUT4, LUT5, new LUT6, 4-to-1 MUX, new
8-to-1 MUX, and ripple mode arithmetic functions
in the same PFU.
— 32 x 4 RAM per PFU, configurable as single- or
dual-port. Create large, fast RAM/ROM blocks
(128 x 8 in only eight PFUs) using the supplemen-
tal logic and interconnect cell (SLIC) decoders as
bank drivers.
— Softwired LUTs (SWL) allow fast cascading of up
to three levels of LUT logic in a single PFU
through fast internal routing which reduces routing
congestion and improves speed.
— Flexible fast access to PFU inputs from routing.
— Fast-carry logic and routing to all four adjacent
PFUs for nibble-, bytewide, or longer arithmetic
functions, with the option to register the PFU
carry-out.
s
Abundant high-speed buffered and nonbuffered rout-
ing resources provide 2x average speed improve-
ments over previous architectures.
s
Hierarchical routing optimized for both local and glo-
bal routing with dedicated routing resources. This
results in faster routing times with predictable and
efficient performance.
s
SLIC provides eight 3-statable buffers, up to 10-bit
decoder, and PAL1-like and-or-invert (AOI) in each
programmable logic cell.
s
New 200 MHz embedded quad-port RAM blocks, two
read ports, two write ports, and two sets of byte lane
enables. Each embedded RAM block can be config-
ured as:
— One 512 x 18 (quad-port, two read/two write) with
optional built-in arbitration.
— One 256 x 36 (dual-port, one read/one write).
— One 1K x 9 (dual-port, one read/one write).
— Two 512 x 9 (dual-port, one read/one write for
each).
— Two RAMs with arbitrary number of words whose
sum is 512 or less by 18 (dual-port, one read/one
write).
— Supports joining of RAM blocks.
— Two 16 x 8-bit content addressable memory
(CAM) support.
— FIFO 512 x 18, 256 x 36, 1K x 9 or dual 512 x 9.
— Constant multiply (8 x 16 or 16 x 8).
— Dual-variable multiply (8 x 8).
s
Built-in testability.
— Full boundary-scan (IEEE 2 1149.1 and Draft
1149.2 joint test access group (JTAG)).
— Programming and readback through boundary-
scan port compliant to IEEE Draft 1532:D1.7.
— TS_ALL testability function to 3-state all I/O pins.
— New temperature-sensing diode used to deter-
mine device junction temperature.
System Features
s
PCI local bus compliant.
s
Improved PowerPC3860 and PowerPC II high-speed
(66 MHz) synchronous MPI interface can be used for
configuration, readback, device control, and device
status, as well as for a general-purpose interface to
the FPGA logic, RAMs, and embedded standard-cell
blocks. Glueless interface to synchronous PowerPC
processors with user-configurable address space
provided.
s
New embedded AMBA4 specification 2.0 AHB sys-
tem bus (ARM 4processor) facilitates communication
among the microprocessor interface, configuration
logic, EBR, FPGA logic, and embedded standard-cell
blocks. Embedded 32-bit internal system bus plus
4-bit parity interconnects FPGA logic, microproces-
sor interface (MPI), embedded RAM blocks, and
embedded standard-cell blocks with 100 MHz bus
performance. Included are built-in system registers
that act as the control and status center for the
device.
s
New network phase-locked loops (PLLs) meet ITU-T
G.811 specifications and provide clock conditioning
for DS-1/E-1 and STS-3/STM-1 applications.
s
Flexible general-purpose programmable PLLs offer
clock multiply (up to 8x), divide (down to 1/8x), phase
shift, delay compensation, and duty cycle adjustment
combined. Improved built-in clock management with
programmable phase-locked loops (PPLLs) provide
optimum clock modification and conditioning for
phase, frequency, and duty cycle from 20 MHz up to
420 MHz. Each PPLL provides two separate clock
outputs.
1. PAL is a trademark of Advanced Micro Devices, Inc.
2. IEEE a is registered trademark of The Institute of Electrical and
Electronics Engineers, Inc.
3. PowerPC is a registered trademark of International Business
Machines, Corporation.
4. AMBA and ARM are trademarks of ARM Limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com