Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORLI10G Datasheet(PDF) 46 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 46 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 42Page - Agere Systems ORLI10G Datasheet HTML 43Page - Agere Systems ORLI10G Datasheet HTML 44Page - Agere Systems ORLI10G Datasheet HTML 45Page - Agere Systems ORLI10G Datasheet HTML 46Page - Agere Systems ORLI10G Datasheet HTML 47Page - Agere Systems ORLI10G Datasheet HTML 48Page - Agere Systems ORLI10G Datasheet HTML 49Page - Agere Systems ORLI10G Datasheet HTML 50Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
46
Agere Systems Inc.
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
Pin Information (continued)
In Figure 18, an output refers to a signal flowing into the FGPA logic (out of the embedded core) and an input refers
to a signal flowing out of the FPGA logic (into the embedded core).
Table 18. Embedded Core/FPGA Interface Signal Description
Pin Name
I/O
Description
Receive Signals
RX_DAT_OUT<127:0>
O
Data from demultiplexer on receive side.
RX_CLK8_OUT<3:0>
O
Divided down clocks on receive side.
RX_ENB8_OUT<3:0>
O
Data enables on receive side.
RX1_VCOP
O
RX1_PLL output clock on receive side (M/N clock) after phase select.
RX1_VCO
O
RX1_PLL output clock on receive side (M/N clock) before phase select.
RX2_VCOP
O
RX2_PLL output clock on receive side (x1 clock) after phase select.
RX2_VCO
O
RX2_PLL output clock on receive side (x1 clock) before phase select.
RX2_FBCKI
I
PLL feedback input to RX2_PLL. This allows for the removal of the
FPGA clock routing delay.
RX1_BYPASS
I
Set to 1 to bypass the RX1 PLL.
RX2_BYPASS
I
Set to 1 to bypass the RX2 PLL.
RX_LOCK
O
Lock signal for RX1_PLL and RX2_PLL. This signal is a logical OR of
the lock signal from both PLLs. It is not integrated; thus, small glitches
can occur on this signal during normal PLL operation.
Transmit Signals
TX_DAT_IN<127:0>
I
Data to multiplexer on transmit side.
TX_CLK8_IN<3:0>
I
Clocks to multiplexer on transmit side.
TX_ENB8_IN[3:0]
I
Data enables on transmit side.
TX1_VCOP
O
TX1_PLL output clock on transmit side (M/N clock) after phase select.
TX1_VCO
O
TX1_PLL output clock on transmit side (M/N clock) before phase select.
TX2_VCOP
O
TX2_PLL output clock on transmit side (x1 clock) after phase select.
TX2_VCO
O
TX2_PLL output clock on transmit side (x1 clock) before phase select.
TX2_FBCKI
I
PLL feedback input to TX2 PLL. This allows for the removal of the
FPGA clock routing delay.
TX1_BYPASS
I
Set to 1 to bypass the TX1 PLL.
TX2_BYPASS
I
Set to 1 to bypass the TX2 PLL.
TX_LOCK
O
Lock signal for TX1_PLL and TX2_PLL. This signal is a logical OR of
the lock signal from both PLLs. It is not integrated; thus, small glitches
can occur on this signal during normal PLL operation.
Vss_A<7:4>
—
Analog ground for the embedded line interface PLLs.
VDD33_A<7:4>
—
Analog power supply for the embedded line interface PLLs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com