Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R192P Datasheet(PDF) 4 Page - Agere Systems

Part # R192P
Description  R192P OC-192/STM-64 Lightwave Receiver with Improved Sensitivity (-18 dBm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R192P Datasheet(HTML) 4 Page - Agere Systems

  R192P Datasheet HTML 1Page - Agere Systems R192P Datasheet HTML 2Page - Agere Systems R192P Datasheet HTML 3Page - Agere Systems R192P Datasheet HTML 4Page - Agere Systems R192P Datasheet HTML 5Page - Agere Systems R192P Datasheet HTML 6Page - Agere Systems R192P Datasheet HTML 7Page - Agere Systems R192P Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Agere Systems Inc.
R192P OC-192/STM-64 Lightwave Receiver
Preliminary Data Sheet, Rev. 4
with Improved Sensitivity (–18 dBm)
June 2001
Electrical Characteristics
*
Table 3. Electrical Characteristics (TA = 25 °C)
Parameter
Symbol
Min
Typ
Max
Unit
dc Power Supply Voltages:
Negative Supply
PIN Bias
VEE
VPIN
–4.94
5
–5.2
9
–5.46
13
V
V
dc Power Supply Currents:
Negative Supply
PIN Bias
IEE
IPIN
—
—
80
—
110
2
mA
mA
Power Dissipation
PDISS
——
0.6
W
Transimpedance:*
IPH
≤ 500 µA
Note: The output voltage increases linearly up to
750
µAp-p of input current and is operational
up to 2.2 mAp-p of input current.
Conditions: single-ended, 50
Ω load, low fre-
quency.
TZ
550
700
900
Ω
Average Equivalent Input Noise Spectral Density
(Bandwidth 100 KHz to 15 GHz)
——
14
—
pA/
√Hz
Summed Equivalent Noise Power
—
—
1400
—
nArms
Low Frequency Cutoff
fL
—25—
kHz
Bandwidth
BW
8.5
10
—
GHz
Rolloff (F3 dB to F3 dB + 5 GHz)
—
—
–20
—
dB
Peaking
—
—
2
—
dB
Group Delay:
0.2 GHz—5 GHz
0.2 GHz—8 GHz
—
—
—
±15
±20
—
—
ps
ps
Output Return Loss:
0 GHz—6 GHz
0 GHz—8 GHz
S22
—
—
>10
>8
—
—
dB
dB
Transimpedance, TZ
VPP
IPH AVG
()
--------------------, where IPH AVG
()
=
= the average photodiode current.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com