Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P172ABCS Datasheet(PDF) 2 Page - Agere Systems

Part # P172ABCS
Description  P172-Type Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

P172ABCS Datasheet(HTML) 2 Page - Agere Systems

  P172ABCS Datasheet HTML 1Page - Agere Systems P172ABCS Datasheet HTML 2Page - Agere Systems P172ABCS Datasheet HTML 3Page - Agere Systems P172ABCS Datasheet HTML 4Page - Agere Systems P172ABCS Datasheet HTML 5Page - Agere Systems P172ABCS Datasheet HTML 6Page - Agere Systems P172ABCS Datasheet HTML 7Page - Agere Systems P172ABCS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2
Agere Systems Inc.
Advance Data Sheet
P172-Type Receiver
August 2001
Description
The P172-type receiver consists of a PIN or APD cou-
pled to a single-mode or multimode fiber pigtail and a
linear preamplifier. Both the PIN and APD are rear-illu-
minated planar diode structures with a low-capacitance
active area for maximum responsivity and speed.
This device incorporates the new Laser 2000 manufac-
turing process from the Optoelectronics Products unit
of Agere Systems Inc. Laser 2000 is a low-cost plat-
form that targets high-volume manufacturing and tight
product distributions on all optical subassemblies. This
platform incorporates an advanced optical design that
is produced on Agere Systems’ highly automated pro-
duction lines. The Laser 2000 platform is qualified for
central office and uncontrolled environments, and can
be used for applications requiring high performance
and low cost.
Figure 1. P172P PIN/Preamp Schematic (Top View)
Figure 2. P172A APD/Preamp (Top View)
* Logic high when light is on.
† Thermistor in APD version; case ground in PIN version
‡ Logic low when light is on.
432
1
56
DATA
78
VCC
GND
GND
DATA
VPD
GND
GND
Table 1. P172-Type PIN/Preamp and APD/Preamp
Pin Descriptions
Pin Number
Description
1
Photodiode Bias
2
Case Ground
3DATA*
4
Case Ground
5
Thermistor/Case Ground†
6DATA‡
7
Case Ground
8VCC
1-902(F).c
43
2
1
56
7
8
DATA
DATA
VCC
THERMISTOR
GND
VPD
GND
GND
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Parameter
Symbol
Min
Max
Unit
Positive Supply Voltage
VCC
–0.5
4.0
V
Optical Input Power:
APD
PIN
PIN
PIN
—
—
0
8.0
dBm
dBm
Operating Case Temperature Range:
APD/PIN
TC
–40
85
°C
Storage Temperature Range
Tstg
–40
85
°C
Lead Soldering Temperature
—
—
250
°C
Lead Soldering Time
—
—
10
s
1-902(F).b



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com