Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103K3 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM8S103K3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103K3 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM8S103K3 Datasheet HTML 99Page - STMicroelectronics STM8S103K3 Datasheet HTML 100Page - STMicroelectronics STM8S103K3 Datasheet HTML 101Page - STMicroelectronics STM8S103K3 Datasheet HTML 102Page - STMicroelectronics STM8S103K3 Datasheet HTML 103Page - STMicroelectronics STM8S103K3 Datasheet HTML 104Page - STMicroelectronics STM8S103K3 Datasheet HTML 105Page - STMicroelectronics STM8S103K3 Datasheet HTML 106Page - STMicroelectronics STM8S103K3 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
STM8S103 FASTROM microcontroller option list
13.1
(last update: April 2010)
.............................................................................................
Customer
.............................................................................................
Address
.............................................................................................
Contact
.............................................................................................
Phone no.
.............................................................................................
Reference FASTROM code
a
Preferable format for programing code is .Hex (.s19 is accepted)
If data EEPROM programing is required, a seperate file must be sent with the requested data.
Important: See the option byte section in the datasheet for authorized option byte
combinations and a detailed explanation. Do not use more than one remapping option
in the same port. It is forbidden to enable both AFR1 and AFR0.
Device type/memory size/package (check only one option)
8 Kbyte
4 Kbyte
FASTROM device
[ ] STM8S103K3
LQFP32
[ ] STM8S103K3
UFQFPN32
[ ] STM8S103F3
[ ] STM8S103F2
TSSOP20
[ ] STM8S103F3
[ ] STM8S103F2
SO20W
Conditioning (check only one option)
[ ] Tape & reel or [ ] Tray
Special marking (check only one option)
[ ] No [ ] Yes
Authorized characters are letters, digits, '.', '-', '/' and spaces only. Maximum character counts
are:
UFQFPN32: 1 line of 7 characters max: "_ _ _ _ _ _ _"
LQFP32: 2 lines of 7 characters max: "_ _ _ _ _ _ _" and "_ _ _ _ _ _ _"
TSSOP20/SO20: 1 line of 10 characters max: "_ _ _ _ _ _ _ _ _ _"
Three characters are reserved for code identification.
Temperature range
[ ] -40°C to +85°C or [ ] -40°C to +125°C
Padding value for unused program memory (check only one option)
Fixed value
[ ]0xFF
a
FASTROM code name is assigned by STMicroelectronics.
103/113
DocID15441 Rev 6
Ordering information
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com