Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103K3 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM8S103K3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103K3 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM8S103K3 Datasheet HTML 102Page - STMicroelectronics STM8S103K3 Datasheet HTML 103Page - STMicroelectronics STM8S103K3 Datasheet HTML 104Page - STMicroelectronics STM8S103K3 Datasheet HTML 105Page - STMicroelectronics STM8S103K3 Datasheet HTML 106Page - STMicroelectronics STM8S103K3 Datasheet HTML 107Page - STMicroelectronics STM8S103K3 Datasheet HTML 108Page - STMicroelectronics STM8S103K3 Datasheet HTML 109Page - STMicroelectronics STM8S103K3 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 113 page
background image
OPT3 watchdog
[ ] 0: No reset generated on halt if WWDG active
WWDG_HALT
(check only one option)
[ ] 1: Reset generated on halt if WWDG active
[ ] 0: WWDG activated by software
WWDG_HW
(check only one option)
[ ] 1: WWDG activated by hardware
[ ] 0: IWDG activated by software
IWDG_HW
(check only one option)
[ ] 1: IWDG activated by hardware
[ ] 0: LSI clock is not available as CPU clock source
LSI_EN
(check only one option)
[ ] 1: LSI clock is available as CPU clock source
[ ] 0: 3-bit trimming supported in CLK_HSITRIMR register
HSITRIM
(check only one option)
[ ] 1: 4-bit trimming supported in CLK_HSITRIMR register
OPT4 wakeup
[ ] for 16 MHz to 128 kHz prescaler
PRSC
(check only one option)
[ ] for 8 MHz to 128 kHz prescaler
[ ] for 4 MHz to 128 kHz prescaler
[ ] LSI clock source selected for AWU
CKAWUSEL
(check only one option)
[ ] HSE clock with prescaler selected as clock source for
for AWU
[ ] External crystal connected to OSCIN/OSCOUT
EXTCLK
(check only one option)
[ ] External clock signal on OSCIN
OPT5 crystal oscillator stabilization HSECNT (check only one option)
[ ] 2048 HSE cycles
[ ] 128 HSE cycles
[ ] 8 HSE cycles
[ ] 0.5 HSE cycles
OPT6 is reserved
...........................................................................................................
Comments:
...........................................................................................................
Supply operating range
in the application:
...........................................................................................................
Notes:
DocID15441 Rev 6
106/113
STM8S103K3 STM8S103F3 STM8S103F2
Ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com