Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P172PBAS Datasheet(PDF) 7 Page - Agere Systems

Part # P172PBAS
Description  P172-Type Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

P172PBAS Datasheet(HTML) 7 Page - Agere Systems

  P172PBAS Datasheet HTML 1Page - Agere Systems P172PBAS Datasheet HTML 2Page - Agere Systems P172PBAS Datasheet HTML 3Page - Agere Systems P172PBAS Datasheet HTML 4Page - Agere Systems P172PBAS Datasheet HTML 5Page - Agere Systems P172PBAS Datasheet HTML 6Page - Agere Systems P172PBAS Datasheet HTML 7Page - Agere Systems P172PBAS Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Agere Systems Inc.
Advance Data Sheet
August 2001
P172-Type Receiver
Qualification Information
The P172-type receiver is scheduled to complete the following qualification tests and meet the intent of
Telcordia
Technologies GR-468-CORE.
Table 4. P172Type Qualification Information
Test
Reference
Conditions
Sample Size
Pass/Fail Criteria
Mechanical Shock
and Vibration
Telcordia Technologies
GR-468-CORE,
Section 8.3.2
500 g, 0.5 ms
Condition A, 20 g,
20 Hz to 2000 Hz,
4 min./cycle,
4 cycles
11
10% Responsivity
Change After Completion
of Both Tests
Thermal Shock
MIL-STD-883
Method 1011
0
°C to 100 °C,
20 cycles
11
Physical Attributes and
Leak Check
Lead Integrity
MIL-STD-883
Method 2004
Condition A
To Be Provided by
the Supplier
—
Solderability
MIL-STD-883
Method 2003
—To Be Provided by
the Supplier
—
Low Temperature
Storage
—
–40
°C storage
2000 hours
11
10% Responsivity
Change After Completion
of Test
High Temperature
Storage
—
85
°C storage
2000 hours
11
10% Responsivity
Change After Completion
of Test
Temperature
Cycling
Telcordia Technologies
GR-468-CORE,
Section 5.20
–40
°C to +85 °C,
500 cycles
11
10% Responsivity
Change After Completion
of Test
Damp Heat
MIL-STD-883
Method 103
85
°C/85% RH
1000 hours
11
10% Responsivity
Change After Completion
of Test
Cyclic Moisture
Resistance
Telcordia Technologies
GR-468-CORE,
Section 5.23
—
11
10% Responsivity
Change After Completion
of Test
ESD Threshold
Telcordia Technologies
GR-468-CORE,
Section 5.22
—6
Telcordia Requirement
Internal Moisture
MIL-STD-883
Method 1018
—
11 Pieces After
Thermal Shock
Test
Max 5000 ppm Water
Vapor After Other Test
Cells



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com