Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P172PCAF Datasheet(PDF) 4 Page - Agere Systems

Part # P172PCAF
Description  P172-Type Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

P172PCAF Datasheet(HTML) 4 Page - Agere Systems

  P172PCAF Datasheet HTML 1Page - Agere Systems P172PCAF Datasheet HTML 2Page - Agere Systems P172PCAF Datasheet HTML 3Page - Agere Systems P172PCAF Datasheet HTML 4Page - Agere Systems P172PCAF Datasheet HTML 5Page - Agere Systems P172PCAF Datasheet HTML 6Page - Agere Systems P172PCAF Datasheet HTML 7Page - Agere Systems P172PCAF Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Agere Systems Inc.
Advance Data Sheet
P172-Type Receiver
August 2001
Optical Characteristics
Minimum and maximum values specified over operating case temperature range and end of life (EOL), and typical
values are for 25
°C and beginning of life (BOL), unless otherwise specified.
Table 3. Optical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Optical Wavelength for Rated Sensitivity
λ
1.25
—
1.6
µm
Responsivity (at 1310 nm, VBIAS = VOP):
APD at –30 dBm, 25
°C
APD at –30 dBm, –40
°C to +85 °C
PIN at –20 dBm, 25
°C
PIN at –20 dBm, –40
°C to +85 °C
R
9.0
8.6
0.81
0.70
—
—
—
—
—
—
—
—
A/W
A/W
A/W
A/W
Sensitivity (2.5 Gbits/s, 223 – 1 PRBS, 1 x 10–10 BER,
1310 nm, 8.2 dB Extinction Ratio, VBIAS = VOP):
APD Version:
At 25
°C
At –40
°C to +85 °C
PIN Version:
At 25
°C
At –40
°C to +85 °C
PRMIN
—
—
—
—
–32.5
–31.5
–23
–22
–31
–30
–22
–21
dBm
dBm
dBm
dBm
Overload (2.5 Gbits/s, 223 – 1 PRBS, 1 x 10–10 BER,
1550 nm, 8.2 dB Extinction Ratio, VBIAS = VOP):
APD Version
PIN Version
PRMAX
–6
0
–3
1
—
—
dBm
dBm
Optical Return Loss:
Single-mode Fiber
Multimode Fiber
—
—
—
—
—
—
–27
–14
dB
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com