Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T8301 Datasheet(PDF) 4 Page - Agere Systems

Part # T8301
Description  T8301 Internet Protocol Telephone Phone-On-A-Chip??IP Solution DSP
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8301 Datasheet(HTML) 4 Page - Agere Systems

  T8301 Datasheet HTML 1Page - Agere Systems T8301 Datasheet HTML 2Page - Agere Systems T8301 Datasheet HTML 3Page - Agere Systems T8301 Datasheet HTML 4Page - Agere Systems T8301 Datasheet HTML 5Page - Agere Systems T8301 Datasheet HTML 6Page - Agere Systems T8301 Datasheet HTML 7Page - Agere Systems T8301 Datasheet HTML 8Page - Agere Systems T8301 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 190 page
background image
4
Lucent Technologies Inc.
Phone-On-A-Chip IP Solution DSP
T8301 Internet Protocol Telephone
Advance Data Sheet
December 2000
2 Pin Information (continued)
2.2 Pinout Information
In the following table, reference 1 refers to sections in the T8301 data sheet (this data sheet) and reference 2 refers
to sections in the DSP1627 data sheet.
Table 1. Pin Description
Pin #
Name
Description
Reference 1
Reference 2
1VDD
——
—
2
BIO0
BIT I/O 0
4.4
4.9
3
BIO1
BIT I/O 1
4.4
4.9
4
BIO2
BIT I/O 2
4.4
4.9
5
BIO3
BIT I/O 3
4.4
4.9
6
INT0N
DSP interrupt 0, active -low
4.6
4.3
7
INT1N
DSP interrupt 1, active -low
4.6
4.3
8
STOPN
Controls the internal processor clock, active -ow
—
4.13
9
DI1
Serial input/output unit (SIO) data in
4.5
4.7
10
VSS
——
—
11
VDD
——
—
12
DO1
Serial input/output unit (SIO) data out
4.5
4.7
13
SYNC
Serial input/output unit (SIO) sync
4.5
4.7
14
IOLD
Serial input/output unit (SIO) input load/output load
4.5
4.7
15
IOCK
Serial input/output unit (SIO) input clock/output clock
4.5
4.7
16
VSS
——
—
17
VDDPLL
OSC and PLL VDD
——
18
CKI1
XTL1 input/CMOS clock
4.3
4.12
19
CKI2
XTL2 input/CMOS clock
4.3
4.12
20
VSSPLL
OSC and PLL VSS
——
21
A15
EMI address bus 15
4.9
—
22
A14
EMI address bus 14
4.9
4.5, 6.2
23
A13
EMI address bus 13
4.9
4.5, 6.2
24
A12
EMI address bus 12
4.9
4.5, 6.2
25
VSS
——
—
26
VDD
——
—
27
A11
EMI address bus 11
4.9
4.5, 6.2
28
A10
EMI address bus 10
4.9
4.5, 6.2
29
A9
EMI address bus 9
4.9
4.5, 6.2
30
A8
EMI address bus 8
4.9
4.5, 6.2
31
A7
EMI address bus 7
4.9
4.5, 6.2
32
A6
EMI address bus 6
4.9
4.5, 6.2
33
A5
EMI address bus 5
4.9
4.5, 6.2
34
A4
EMI address bus 4
4.9
4.5, 6.2
35
VSS
——
—
36
VDD
——
—
37
A3
EMI address bus 3
4.9
4.5, 6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com