Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7377-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7377-10
Description  10 dB Fixed Attenuator, TNC Female To 7/16 DIN Male Rated To 25 Watts Up To 7.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7377-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7377-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7377-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7377-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 1
Type
TNC Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
Gold
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Body Plating Specification
Passivated
Connector 2
Type
7/16 DIN Male
Contact Material and Plating
Brass, Silver
Outer Conductor Material and Plating
Brass, Silver
Hex Size, In.
11/16
Body Material and Plating
Brass, Silver
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/10db-fixed-tnc-female-7-16-male-25-watts-attenuator-pe7377-10-p.aspx
10 dB Fixed Attenuator, TNC Female To 7/16 DIN Male Rated To 25 Watts Up To 7.5 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
10 dB Fixed Attenuator, TNC Female To 7/16 DIN
Male Rated To 25 Watts Up To 7.5 GHz
PE7377-10
PE7377-10 REV NC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com