Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5L04DEE Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH5L04DEE
Description  Turbo 2 ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5L04DEE Datasheet(HTML) 2 Page - STMicroelectronics

  STTH5L04DEE Datasheet HTML 1Page - STMicroelectronics STTH5L04DEE Datasheet HTML 2Page - STMicroelectronics STTH5L04DEE Datasheet HTML 3Page - STMicroelectronics STTH5L04DEE Datasheet HTML 4Page - STMicroelectronics STTH5L04DEE Datasheet HTML 5Page - STMicroelectronics STTH5L04DEE Datasheet HTML 6Page - STMicroelectronics STTH5L04DEE Datasheet HTML 7Page - STMicroelectronics STTH5L04DEE Datasheet HTML 8Page - STMicroelectronics STTH5L04DEE Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH5L04DEE
2/8
Doc ID 023261 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.85 x IF(AV) + 0.04 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
IF(RMS)
Forward rms current
15
A
IF(AV)
Average forward current
Tc = 120 °C, = 0.5
5
A
IFSM
Surge non repetitive forward current tp = 10 ms sinusoidal
60
A
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum operating junction temperature
150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
4.5
°C/W
Rth(j-a)
Junction to ambient on printed circuit board (with recommended
footprint dimension, copper thickness = 35 µm)
250
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,  < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
-2.5
µA
Tj = 125 °C
-
2.5
25
µA
VF
(2)
2.
Pulse test: tp = 380 µs,  < 2%
Forward voltage drop
Tj = 25 °C
IF = 5A
1.05
1.25
V
Tj = 150 °C
-
0.85
1.05
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
IRM
Reverse recovery
current
Tj = 125 °C
IF = 5A, VR = 320 V,
dlF/dt = -200 A/µs
-8
11
A
Sfactor
Softness factor
-
0.7
trr
Reverse recovery time
Tj = 25 °C
IF = 1A, VR = 30 V,
dlF/dt = -50 A/µs
43
60
ns
IF = 1A, VR = 30 V,
dlF/dt = -100 A/µs
-35
50
tfr
Forward recovery time
Tj = 25 °C
IF = 5 A, VFR = 1.2 V
dlF/dt = 100 A/µs
110
ns
VFP
Forward recovery
voltage
Tj = 25 °C
-
2
3
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com