Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH61W04S Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH61W04S
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH61W04S Datasheet(HTML) 2 Page - STMicroelectronics

  STTH61W04S Datasheet HTML 1Page - STMicroelectronics STTH61W04S Datasheet HTML 2Page - STMicroelectronics STTH61W04S Datasheet HTML 3Page - STMicroelectronics STTH61W04S Datasheet HTML 4Page - STMicroelectronics STTH61W04S Datasheet HTML 5Page - STMicroelectronics STTH61W04S Datasheet HTML 6Page - STMicroelectronics STTH61W04S Datasheet HTML 7Page - STMicroelectronics STTH61W04S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STTH61W04S
2/7
Doc ID 023613 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.85 x IF(AV) + 0.005 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
IF(RMS) Forward rms current
90
A
IF(AV)
Average forward current,
 = 0.5
Tc = 110°C
Per diode
60
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
500
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
+ 175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Total
0.7
°C / W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,
 < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
20
µA
Tj = 125 °C
20
200
VF
(2)
2.
Pulse test: tp = 380 µs,
 < 2%
Forward voltage drop
Tj = 25 °C
IF = 60 A
1.35
Tj = 150 °C
0.93
1.15
Table 5.
Dynamic electrical characteristics
Symb
ol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IRM
Reverse recovery current
Tj = 125 °C
IF = 60 A, VR = 320 V
dIF/dt = -200 A/µs
19
26
A
QRR
Reverse recovery charge
1400
nC
Sfactor Softness factor
0.3
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V
dIF/dt = -100 A/µs
40
55
ns
tfr
Forward recovery time
Tj = 25 °C
IF = 60 A,
VFR = 1.2 V
dIF/dt = 400 A/µs
250
ns
VFP
Forward recovery voltage
Tj = 25 °C
2
3
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com