Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30S06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH30S06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30S06 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH30S06 Datasheet HTML 1Page - STMicroelectronics STTH30S06 Datasheet HTML 2Page - STMicroelectronics STTH30S06 Datasheet HTML 3Page - STMicroelectronics STTH30S06 Datasheet HTML 4Page - STMicroelectronics STTH30S06 Datasheet HTML 5Page - STMicroelectronics STTH30S06 Datasheet HTML 6Page - STMicroelectronics STTH30S06 Datasheet HTML 7Page - STMicroelectronics STTH30S06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STTH30S06
2/7
Doc ID 023787 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.45 x IF(AV) + 0.025 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) Forward rms current
64
A
IF(AV)
Average forward current,
 = 0.5
Tc = 65 °C
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
180
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
-40 to + 175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
1.25
°C / W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,
 < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
50
µA
Tj = 125 °C
50
500
VF
(2)
2.
Pulse test: tp = 380 µs,
 < 2%
Forward voltage drop
Tj = 25 °C
IF = 30 A
3.6
V
Tj = 125 °C
1.75
2.2
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IRM
Reverse recovery current
Tj = 125 °C
IF = 30 A, VR = 400 V
dIF/dt = -100 A/µs
45.5
A
Sfactor
Softness factor
0.35
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V
dIF/dt = -50 A/µs
50
ns
IF = 0.5 A, Irr = 0.25 A,
IR = 1 A
30
tfr
Forward recovery time
IF = 30 A, VFR = 2.6 V
dIF/dt = 300 A/µs
100
VFP
Forward recovery voltage
3.7
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com