Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5689 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5689
Description  Dual, 16-/12-Bit nanoDAC with SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5689 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5689 Datasheet HTML 9Page - Analog Devices AD5689 Datasheet HTML 10Page - Analog Devices AD5689 Datasheet HTML 11Page - Analog Devices AD5689 Datasheet HTML 12Page - Analog Devices AD5689 Datasheet HTML 13Page - Analog Devices AD5689 Datasheet HTML 14Page - Analog Devices AD5689 Datasheet HTML 15Page - Analog Devices AD5689 Datasheet HTML 16Page - Analog Devices AD5689 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5689/AD5687
Rev. 0 | Page 13 of 24
Figure 26. Supply Current vs. Temperature
Figure 27. Settling Time, 5 V
Figure 28. Power-On Reset to 0 V
Figure 29. Exiting Power-Down to Midscale
Figure 30. Digital-to-Analog Glitch Impulse
Figure 31. Analog Crosstalk, Channel A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–40
110
60
10
TEMPERATURE (°C)
FULL SCALE
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
10
320
160
40
80
20
TIME (µs)
DAC A
DAC B
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
¼ TO ¾ SCALE
–0.01
0
0.06
0.01
0.02
0.03
0.04
0.05
–1
0
6
1
2
3
4
5
–10
15
10
0
5
–5
TIME (µs)
CHANNEL B
VDD
CHANNEL A
TA = 25°C
REFERENCE = 2.5V
0
1
3
2
–5
10
0
5
TIME (µs)
SYNC
CHANNEL A
CHANNEL B
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
GAIN = 1
GAIN = 2
2.4988
2.5008
2.5003
2.4998
2.4993
0
12
8
10
4
6
2
TIME (µs)
CHANNEL B
TA = 25°C
VDD = 5.25V
REFERENCE = 2.5V
POSITIVE MAJOR CODE TRANSITION
ENERGY = 0.227206nV-sec
–0.002
–0.001
0
0.001
0.002
0.003
0
25
20
10
15
5
TIME (µs)
CHANNEL B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com