Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP196 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP196
Description  5 V, 3 A, Logic Controlled High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP196 Datasheet(HTML) 4 Page - Analog Devices

  ADP196 Datasheet HTML 1Page - Analog Devices ADP196 Datasheet HTML 2Page - Analog Devices ADP196 Datasheet HTML 3Page - Analog Devices ADP196 Datasheet HTML 4Page - Analog Devices ADP196 Datasheet HTML 5Page - Analog Devices ADP196 Datasheet HTML 6Page - Analog Devices ADP196 Datasheet HTML 7Page - Analog Devices ADP196 Datasheet HTML 8Page - Analog Devices ADP196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADP196
Data Sheet
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN to GND
−0.3 V to +6.5 V
VOUT to GND
−0.3 V to VIN
EN to GND
−0.3 V to +6.5 V
Continuous Drain Current
TA = 25°C
±4 A
TA = 85°C
±2.22 A
Continuous Diode Current
−50 mA
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +105°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 3. Typical θJA and ΨJB Values
Package Type
θJA
ΨJB
Unit
6-Ball WLCSP
260
58
°C/W
6-Lead LFCSP
68.9
44.1
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com