Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-01-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5586ACBZ-01-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-01-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP5586ACBZ-01-R7 Datasheet HTML 1Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 2Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 3Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 4Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 5Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 6Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 7Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 8Page - Analog Devices ADP5586ACBZ-01-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADP5586
Data Sheet
Rev. 0 | Page 4 of 44
I2C TIMING SPECIFICATIONS
Table 2.
Parameter
Description
Min
Max
Unit
I2C TIMING SPECIFICATIONS
Delay from UVLO/RST Inactive to I2C Access
60
μs
fSCL
SCL clock frequency
0
1000
kHz
tHIGH
SCL high time
0.26
μs
tLOW
SCL low time
0.5
μs
tSU; DAT
Data setup time
50
ns
tHD; DAT
Data hold time
0
μs
tSU; STA
Setup time for repeated start
0.26
μs
tHD; STA
Hold time for start/repeated start
0.26
μs
tBUF
Bus free time for stop and start conditions
0.5
μs
tSU; STO
Setup time for stop condition
0.26
μs
tVD; DAT
Data valid time
0.45
μs
tVD; ACK
Data valid acknowledge
0.45
μs
tR
Rise time for SCL and SDA
120
ns
tF
Fall time for SCL and SDA
120
ns
tSP
Pulse width of suppressed spike
0
50
ns
CB1
Capacitive load for each bus line
550
pF
1 CB is the total capacitance of one bus line in picofarads (pF).
Timing Diagram
SDA
SCL
SDA
SCL
S
Sr
PS
FIRST CLOCK CYCLE
NINTH CLOCK
NINTH CLOCK
1/
fSCL
70%
30%
70%
30%
70%
30%
70%
30%
70%
30%
70%
30%
70%
30%
tF
tF
tR
tR
tHIGH
tVD; DAT
tSU; DAT
tSU; STA
tHD; DAT
tHD; STA
tVD; ACK
tSP
tSU; STO
tBUF
tLOW
tHD; STA
VIL = 0.3V × VDD
VIH = 0.7V × VDD
Figure 2. I2C Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com