Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-2120G-R3AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-2120G-R3AE
Description  12'SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-2120G-R3AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-2120G-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-2120G-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
Industrial Monitors
FPM-2120G
Specifications
General
ƒ
Button Controls
OSD (Onscreen Display) control pad on rear cover
ƒ
Certification
BSMI, CCC, CE, FCC, UL
ƒ
Dimensions (W x H x D) 311mm x 237mm x 40.63mm(12.24'' x 9.33'' x 1.60'')
ƒ
Enclosure
Front panel: Aluminum with coating,
Rear cover: SECC coating chassis
ƒ
Mounting
Panel, wall, desktop, VESA arm, or 19" rackmount with
optional mounting kit
ƒ
Power Input
External 60 W power adapter, with AC 100 V ~ 240 V
input and DC +12 V @ 5 A output
ƒ
Video Port
VGA
ƒ
Weight (Net)
4kg (8.82 lbs)
LCD Display
ƒ
Display Type
SVGA TFT LCD with LED backlight
ƒ
Display Size
12''
ƒ
Max. Resolution
800 x 600
ƒ
Max. Color
16.2M
ƒ
Viewing Angle (H/V)°
160°(V),140°(H)
ƒ
Luminance (cd/m2)
450
ƒ
Backlight Life (hrs)
50,000
ƒ
Contrast Ratio
700:1
ƒ 12'' SVGA TFT LCD with LED backlight
ƒ Robust design with aluminum front panel
ƒ Anti-reflective screen with tempered glass
ƒ Supports Panel, Wall, Desktop, Rack or VESA arm mounting
ƒ Combo RS-232 & USB interface for touchscreen function
Touchscreen (Optional)
ƒ
Interface
Combo RS-232 & USB interface
ƒ
Lifespan
36 millions times with a silicone rubber of R8 finger,
hitting rate is calculated as being 250g at 2 times per
second
ƒ
OS Support
Windows® XP/Vista/Win7/CE & Linux
Environment
ƒ
Operation Temperature 0 ~ 50°C (32 ~ 122°F)
ƒ
Storage Temperature
-20 ~ 60°C (-4 ~ 140°F)
ƒ
Humidity (Storage)
10 ~ 95% non-condensing
ƒ
Waterproof
Front Panel IP65 Compliant
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
ƒ
FPM-2120G-X0AE
12'' SVGA Industrial LED Monitor
ƒ
FPM-2120G-R3AE
12'' SVGA Industrial LED Monitor w/Resistive TS
(RS-232 and USB interfaces)
12''SVGA Industrial Monitor with
Resistive Touchscreen and Direct-VGA Port
Introduction
FPM-2120G are industrial-grade 12'' TFT LCD with LED backlightflat panel monitor with an Al-Mg front panel, a modern appearance, and one of the most competitive prices for 12''
LCD with LED backlight monitor on the market. The FPM-2120G are also extremely light and thin, and provides many industrial-grade features such as a stainless steel chassis,
VESA mounting flexibility, and more. The FPM-2120G are especially suitable for industrial PCs such as IPC-610 or IPC-6806. This combination leads to an extremely reliable and
tough system, ready to operate in a wide variety of industrial applications.


Similar Part No. - FPM-2120G-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2120G-R3AE ADVANTECH-FPM-2120G-R3AE Datasheet
356Kb / 2P
12" SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
More results

Similar Description - FPM-2120G-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3060G ADVANTECH-FPM-3060G Datasheet
610Kb / 2P
6.5 VGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3120G ADVANTECH-FPM-3120G Datasheet
669Kb / 2P
12.1 SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G Datasheet
271Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2120G ADVANTECH-FPM-2120G_15 Datasheet
356Kb / 2P
12" SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2150G ADVANTECH-FPM-2150G_15 Datasheet
335Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G_15 Datasheet
356Kb / 2P
17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3121G ADVANTECH-FPM-3121G_15 Datasheet
340Kb / 2P
12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
ITM-5112 ADVANTECH-ITM-5112_15 Datasheet
382Kb / 2P
12" SVGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com