Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSD3C5D2P Datasheet(PDF) 4 Page - Dialight Corporation

Part # LSD3C5D2P
Description  SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C5D2P Datasheet(HTML) 4 Page - Dialight Corporation

  LSD3C5D2P Datasheet HTML 1Page - Dialight Corporation LSD3C5D2P Datasheet HTML 2Page - Dialight Corporation LSD3C5D2P Datasheet HTML 3Page - Dialight Corporation LSD3C5D2P Datasheet HTML 4Page - Dialight Corporation LSD3C5D2P Datasheet HTML 5Page - Dialight Corporation LSD3C5D2P Datasheet HTML 6Page - Dialight Corporation LSD3C5D2P Datasheet HTML 7Page - Dialight Corporation LSD3C5D2P Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.dialight.com
SafeSite
® LED Linear Fixture
Class I, Div. 1 Version
Mechanical Information
Fixture Weight:
26.0 lbs (11.79 kg) 4’
17.5 lbs (7.94 kg) 2’
Shipping Weight:
28.0 lbs (12.70 kg) 4’
19.5 lbs (8.85 kg) 2’
Mounting:
(1) Threaded 3/4” NPT Side
(2) Threaded 3/4” NPT Ends
Electrical specifications:
Operating Voltage:
100 - 277V AC 50/60Hz or
347 - 480V AC 50/60Hz
Power Consumption:
See ordering information
Operating Temp:
-40°F to +133°F (-40°C to +55°C)
Harmonics:
IEC 61000-3-2
Surge Protection
100 - 277V AC 50/60Hz:
1 kV line to line
2 kV line to ground
347 - 480V AC 50/60Hz:
6 kV line to line
6 kV line to ground
THD:
< 15%
Power Factor:
> 0.9
Construction
Body:
Powder Coated Aluminum
Lens:
Glass
Photometric Information
CRI:
70
CCT:
6,000K (cool white)
IES Files:
Available upon request
All values typical unless otherwise state
All lumen values are typical (tolerance +/- 10%)
Certifications
• Class I, Div 1 Groups C, D
• UL 844
• UL1598
• CSA 22.2 No.137-M81
• UL 8750
• ABS Design Assessed: # 12-HS942957-PDA
• IP66 rated
• NEMA 4X rated
Application
The first of its kind, the Dialight SafeSite
® LED linear luminaire was
designed specifically to replace HID and fluorescent lighting fixtures in
industrial and hazardous location applications.
The SafeSite LED Linear fixture’s rugged solid state design makes it highly
resistant to shock and vibration , while it’s superior design allows for
increased mounting versatility and ease of installation.
Dimensions in Inches [mm]
47.46
(1205,4)
6.98
(177,4)
25.56
(649,1)
4.25
(108)
Temperature Ratings
LSC3C4M3GEX (4ft)
Ambient Temperature Range
T4a Temperature Code
LSC3C4D3GEX (2ft)
Ambient Temperature Range
T5 Temperature Code
-40°F to +149°F (-40°C to +65°C)
-40°F to +149°F (-40°C to +65°C)
Mounting Options
Conduit Top Mount
Conduit Side Mount
LSXW5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com