Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSD3C5B2D Datasheet(PDF) 2 Page - Dialight Corporation

Part # LSD3C5B2D
Description  SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C5B2D Datasheet(HTML) 2 Page - Dialight Corporation

  LSD3C5B2D Datasheet HTML 1Page - Dialight Corporation LSD3C5B2D Datasheet HTML 2Page - Dialight Corporation LSD3C5B2D Datasheet HTML 3Page - Dialight Corporation LSD3C5B2D Datasheet HTML 4Page - Dialight Corporation LSD3C5B2D Datasheet HTML 5Page - Dialight Corporation LSD3C5B2D Datasheet HTML 6Page - Dialight Corporation LSD3C5B2D Datasheet HTML 7Page - Dialight Corporation LSD3C5B2D Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SafeSite
® LED Linear Fixture
Features & Benefits
• L70 rated for >100,000 hours
@ 25°C
• 5 year full performance
warranty
• Low power consumption
• Instant on/off operation
• Universal input (100-277V AC or
347 - 480V AC), 50/60Hz
• Mercury free
• Resistant to shock and vibration
• Temperature compensation
technology for longer life
• Resistant to water, salt, dust &
vibration
• Vibration tested to UL 844 for 35
hours @ 2,000 CPM
• Resistant up to 20 PSI of hose
directed water
• Factory Sealed options
available
Typical Applications
• Food and Beverage
• Heavy Industrial
• Manufacturing
• Pulp and Paper
• Fuel Pump Canopy
• Cold Storage
• Warehouse
View the full case studies at:
Diamond Pet Foods - www.dialight.com/assets/brochures_and_catalogs/Illumination/mdexmognp001.pdf
Rockline Industries - www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/mdexrklnex001.pdf
Complete your own Return on Investment calculation at: www.dialight.com/tcoCalculator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com