Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VWRAS2 Datasheet(PDF) 4 Page - CUI INC

Part # VWRAS2
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRAS2 Datasheet(HTML) 4 Page - CUI INC

  VWRAS2 Datasheet HTML 1Page - CUI INC VWRAS2 Datasheet HTML 2Page - CUI INC VWRAS2 Datasheet HTML 3Page - CUI INC VWRAS2 Datasheet HTML 4Page - CUI INC VWRAS2 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VWRAS2 │ DESCRIPTION: DC-DC CONVERTER
date 02/19/2013
│ page 4 of 5
1. CTRL Terminal
When open or high impedance,the converter work well; When this pin is ‘high’; the converter shutdown; It should be note that the
input current (Ic) should between 5-10mA, exceeding the maximum 20mA will cause permanence damage to the converter. The value
of R Can be derived as follows :
2. Recommended Circuit
If you want to further decrease the input/output ripple, an “LC” filtering network may be connected to the input and output ends of
the DC/DC converter, see (Figure 1).
However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise.
For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees
(Table 1).
3. Input Current
While using unstable power source, please ensure the output voltage and ripple voltage do not excced indexes of the converter. The
preceding power source must be able to provide for converter sufficient starting current Ip.
General: Ip ≤1.4*Iin-max
4. No parallel connection or plug and play
+Vo
0V
Cout
6
8
7
Cout
Lout
Lout
-Vo
Cin
Vin
GND
2
1
3
Vc
R
Lin
Ic
D1
Vin
(Vdc)
Cout
(µF)
±5
560
±9
470
±12
330
±15
270
±24
100
Table 1
APPLICATION NOTES
InputVoltage (V)
InputVoltage
Range
Ip
R=
V
C-VD-1.0
I
C
Figure 1
Cin
5, 12 V
24, 48 V
100 µF
10 ~ 22 µF
Lin
--
4.7 ~ 120 µH
Cout
--
100 µF (typ)
Lout
--
2.2 ~ 10 µH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com