Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6085 Datasheet(PDF) 2 Page - Intersil Corporation

Part # FN6085
Description  짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6085 Datasheet(HTML) 2 Page - Intersil Corporation

  FN6085 Datasheet HTML 1Page - Intersil Corporation FN6085 Datasheet HTML 2Page - Intersil Corporation FN6085 Datasheet HTML 3Page - Intersil Corporation FN6085 Datasheet HTML 4Page - Intersil Corporation FN6085 Datasheet HTML 5Page - Intersil Corporation FN6085 Datasheet HTML 6Page - Intersil Corporation FN6085 Datasheet HTML 7Page - Intersil Corporation FN6085 Datasheet HTML 8Page - Intersil Corporation FN6085 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN6085.9
April 22, 2008
Pinouts
ISL83082E, ISL83085E, ISL83088E
(8 LD MSOP, SOIC)
TOP VIEW
ISL83084E
(8 LD SOIC)
TOP VIEW
ISL83080E, ISL83083E, ISL83086E
(10 LD MSOP)
TOP VIEW
ISL83080E, ISL83083E, ISL83086E
(14 LD SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
VCC
RO
DI
GND
1
2
3
4
8
7
6
5
A
B
Z
Y
D
R
RO
RE
DE
DI
GND
VCC
A
B
Z
Y
1
2
3
4
5
10
9
8
7
6
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Ordering Information
PART NUMBER (Note 1)
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL83080EIB
83080EIB
-40 to +85
14 Ld SOIC
M14.15
ISL83080EIBZ (Note 2)
83080EIBZ
-40 to +85
14 Ld SOIC (Pb-free)
M14.15
ISL83080EIUZ (Note 2)
3080Z
-40 to +85
10 Ld MSOP (Pb-free)
M10.118
ISL83082EIB
83082 EIB
-40 to +85
8 Ld SOIC
M8.15
ISL83082EIBZ (Note 2)
83082 EIBZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL83082EIU
3082E
-40 to +85
8 Ld MSOP
M8.118
ISL83082EIUZ (Note 2)
3082Z
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
ISL83083EIB
83083EIB
-40 to +85
14 Ld SOIC
M14.15
ISL83083EIBZ (Note 2)
83083EIBZ
-40 to +85
14 Ld SOIC (Pb-free)
M14.15
ISL83083EIUZ (Note 2)
3083Z
-40 to +85
10 Ld MSOP (Pb-free)
M10.118
ISL83084EIBZ (Note 2)
83084 EIBZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL83085EIB
83085 EIB
-40 to +85
8 Ld SOIC
M8.15
ISL83085EIBZ (Note 2)
83085 EIBZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL83085EIU
3085E
-40 to +85
8 Ld MSOP
M8.118
ISL83085EIUZ (Note 2)
3085Z
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
ISL83086EIB
83086EIB
-40 to +85
14 Ld SOIC
M14.15
ISL83086EIBZ (Note 2)
83086EIBZ
-40 to +85
14 Ld SOIC (Pb-free)
M14.15
ISL83086EIUZ (Note 2)
3086Z
-40 to +85
10 Ld MSOP (Pb-free)
M10.118
ISL83088EIB
83088 EIB
-40 to +85
8 Ld SOIC
M8.15
ISL83088EIBZ (Note 2)
83088 EIBZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ISL83080E, ISL83082E, ISL83083E, ISL83084E, ISL83085E, ISL83086E, ISL83088E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com