Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-786J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-786J
Description  The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-786J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-786J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Pin Description
Symbol
Description
Symbol
Description
VDD1
Supply voltage input (4.5 V to 5.5 V)
VDD2
Supply voltage input (4.5 V to 5.5 V)
VIN+
Positive input (± 200 mV recommended)
MCLK
Clock output (10 MHz typical)
VIN-
Negative input (normally connected to GND1)
MDAT
Serial data output
GND1
Input ground
GND2
Output ground
HCPL-7860
1
2
3
4
8
7
6
5
VDD1
VIN+
V IN-
GND1
VDD2
MCLK
MDAT
GND2
SHIELD
ISOLATION
BOUNDARY
DECODE
SIGMA-
DELTA
MOD./
ENCODE
5
6
12
11
NC
NC
NC
MDAT
7
10
NC
NC
8
9
GND1
GND2
1
2
16
15
VDD1
VIN+
GND2
NC
3
14
VIN-
VDD2
4
13
NC
MCLK
SIGMA-
DELTA
MOD./
ENCODER
DECODER
HCPL-786J
Ordering Information
HCPL-7860 is UL Recognized with 3750 Vrms for 1 minute per UL1577. HCPL-786J is UL Recognized with 5000 Vrms for
1 minute per UL1577.
Part number
Option
Package
Surface
Mount
Gull
Wing
Tape
& Reel
IEC/EN/DIN EN
60747-5-2
Quantity
RoHS
Compliant
Non-RoHS
Compliant
HCPL-7860
-000E
No option
300 mil
DIP-8
X
50 per tube
-300E
#300
X
X
X
50 per tube
-500E
#500
X
X
X
X
1000 per reel
HCPL-786J
-000E
No option
SO-16
X
45 per tube
-500E
#500
X
X
X
850 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-7860-500E to order product of Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN
EN 60747-5-2 Safety Approval in RoHS compliant.
Example 2:
HCPL-786J to order product of SO-16 package in tube packaging and non-RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and RoHS
compliant option will use ‘-XXXE’.
Note: NC = No connection. Leave floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com