Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25PF020B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25PF020B
Description  2 Mbit 2.3-3.6V SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF020B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25PF020B Datasheet HTML 17Page - Microchip Technology SST25PF020B Datasheet HTML 18Page - Microchip Technology SST25PF020B Datasheet HTML 19Page - Microchip Technology SST25PF020B Datasheet HTML 20Page - Microchip Technology SST25PF020B Datasheet HTML 21Page - Microchip Technology SST25PF020B Datasheet HTML 22Page - Microchip Technology SST25PF020B Datasheet HTML 23Page - Microchip Technology SST25PF020B Datasheet HTML 24Page - Microchip Technology SST25PF020B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
 2012 Microchip Technology Inc.
DS25135A-page 21
SST25PF020B
TABLE 5-4:
CAPACITANCE (TA = 25°C, F=1 MHZ, OTHER PINS OPEN)
Parameter
Description
Test Condition
Maximum
COUT
1
Output Pin Capacitance
VOUT = 0V
12 pF
CIN
1
Input Capacitance
VIN = 0V
6 pF
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 5-5:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND
1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR
1
Data Retention
100
Years
JEDEC Standard A103
ILTH
1
Latch Up
100 + IDD
mA
JEDEC Standard 78
TABLE 5-6:
AC OPERATING CHARACTERISTICS, 2.3-2.7V
Symbol
Parameter
25 MHz
50 MHz
Units
MinMax
MinMax
FCLK
1
1. Maximum clock frequency for Read instruction, 03H, is 25 MHz
Serial Clock Frequency
25
50
MHz
TSCKH
Serial Clock High Time
18
9
ns
TSCKL
Serial Clock Low Time
18
9
ns
TSCKR
Serial Clock Rise Time (Slew Rate)
0.1
0.1
V/ns
TSCKF
Serial Clock Fall Time (Slew Rate)
0.1
0.1
V/ns
TCES
2
2. Relative to SCK
CE# Active Setup Time
55
ns
TCEH
2
CE# Active Hold Time
55
ns
TCHS
2
CE# Not Active Setup Time
55
ns
TCHH
2
CE# Not Active Hold Time
55
ns
TCPH
CE# High Time
50
50
ns
TCHZ
CE# High to High-Z Output
77
ns
TCLZ
SCK Low to Low-Z Output
00
ns
TDS
Data In Setup Time
22
ns
TDH
Data In Hold Time
44
ns
THLS
HOLD# Low Setup Time
55
ns
THHS
HOLD# High Setup Time
55
ns
THLH
HOLD# Low Hold Time
55
ns
THHH
HOLD# High Hold Time
55
ns
THZ
HOLD# Low to High-Z Output
77
ns
TLZ
HOLD# High to Low-Z Output
77
ns
TOH
Output Hold from SCK Change
00
ns
TV
Output Valid from SCK
12
8
ns
TSE
Sector-Erase
25
25
ms
TBE
Block-Erase
25
25
ms
TSCE
Chip-Erase
50
50
ms
TBP
Byte-Program
10
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com