Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM8502 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM8502
Description  Precision, Dual, JFET Input Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8502 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM8502 Datasheet HTML 2Page - New Japan Radio NJM8502 Datasheet HTML 3Page - New Japan Radio NJM8502 Datasheet HTML 4Page - New Japan Radio NJM8502 Datasheet HTML 5Page - New Japan Radio NJM8502 Datasheet HTML 6Page - New Japan Radio NJM8502 Datasheet HTML 7Page - New Japan Radio NJM8502 Datasheet HTML 8Page - New Japan Radio NJM8502 Datasheet HTML 9Page - New Japan Radio NJM8502 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM8502
- 7 -
Ver. 01
Open-loop Gain vs. Temperature
VICM=0V, RL=2kΩ
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100 125 150
Temperature [°C]
V
+/V-=±15V, V
O=-13.5V to +13.5V
V
+/V-=±5V, V
O=-3V to +3V
Supply Voltage Rejection Ratio vs. Temperature
V
+/V-=±4.5V to ±16V, V
ICM=0V
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125 150
Temperature [°C]
Common-mode Rejection Ratio vs. Temperature
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125 150
Temperature [°C]
V
+/V-=±15V, V
ICM=-12.5V to +12.5V
V
+/V-=±5V, V
ICM=-2V to +2.5V
Input Offset Voltage vs. Common-mode Voltage
V
+/V-=±15V, V
ICM=-12.5V to +12.5V
-800
-600
-400
-200
0
200
400
600
800
-15
-10
-5
0
5
10
15
Input Common-mode Voltage [V]
Ta=125°C
Ta=-40°C
Ta=25°C
Input Offset Voltage vs. Common-mode Voltage
V
+/V-=±5V, V
ICM=-2V to +2.5V
-800
-600
-400
-200
0
200
400
600
800
-5
-4
-3
-2
-1
0
1
2345
Input Common-mode Voltage [V]
Ta=125°C
Ta=-40°C
Ta=25°C
Input Bias Current vs. Temperature
VICM=0V
1p
10p
100p
1n
10n
100n
-50
-25
0
25
50
75
100 125 150
Temperature [°C]
V
+/V-=±15V
V
+/V-=±5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com