Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM8524 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM8524
Description  Quad, Wide Supply Range 3V~36V, Low Power 25關A/ch Rail-to-Rail Output Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8524 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM8524 Datasheet HTML 2Page - New Japan Radio NJM8524 Datasheet HTML 3Page - New Japan Radio NJM8524 Datasheet HTML 4Page - New Japan Radio NJM8524 Datasheet HTML 5Page - New Japan Radio NJM8524 Datasheet HTML 6Page - New Japan Radio NJM8524 Datasheet HTML 7Page - New Japan Radio NJM8524 Datasheet HTML 8Page - New Japan Radio NJM8524 Datasheet HTML 9Page - New Japan Radio NJM8524 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM8524
■ TYPICAL CHARACTERISTICS
Output Voltage vs. Output Source Current
VCC=2.5V, VEE=-2.5V, VIN=±1V
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0.1
1
10
100
Output Source Current [mA]
25ºC
-40ºC
Output Voltage vs. Output Sink Current
VCC=2.5V, VEE=-2.5V, VIN=±1V
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0.1
1
10
100
Output Sink Current [mA]
25ºC
-40ºC
85ºC
85ºC
Output Voltage vs. Output Source Current
VCC=15V, VEE=-15V, VIN=±1V
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
0.1
1
10
100
Output Source Current [mA]
25ºC
-40ºC
- 7 -
Ver.2012-04-19
85ºC
Output Voltage vs. Output Sink Current
VCC=15V, VEE=-15V, VIN=±1V
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
0.1
1
10
100
Output Sink Current [mA]
25ºC
-40ºC
85ºC
Input Offset Current vs. Temperature
VICM=VCC/2
-5
-4
-3
-2
-1
0
1
2
3
4
5
-75 -50 -25
0
25
50
75 100 125 150
Ambient Temperature [ºC]
Input Bias Current vs. Temperature
VICM=VCC/2
-10
-8
-6
-4
-2
0
2
4
6
8
10
-75 -50 -25
0
25
50
75 100 125 150
Ambient Temperature [ºC]
Vcc=30V
Vcc=5V
Vcc=5V
Vcc=30V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com