Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7056 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7056
Description  Rail-to-Rail Output Single CMOS Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7056 Datasheet(HTML) 7 Page - New Japan Radio

  NJU7056 Datasheet HTML 1Page - New Japan Radio NJU7056 Datasheet HTML 2Page - New Japan Radio NJU7056 Datasheet HTML 3Page - New Japan Radio NJU7056 Datasheet HTML 4Page - New Japan Radio NJU7056 Datasheet HTML 5Page - New Japan Radio NJU7056 Datasheet HTML 6Page - New Japan Radio NJU7056 Datasheet HTML 7Page - New Japan Radio NJU7056 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJU7056
- 7 -
Ver.2012-10-30
■
ELECTRICAL CHARACTERISTICS
SVR vs. Temperature
VDD=1.8V→5.5V
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
CMR vs. Temperature (supply Voltage)
VICM=0V→VDD-0.9V
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
VDD=5V
VDD=1.8V
Open-Loop Gain vs Temperature
VOUT=0.5V to VDD-0.5, RL=10KΩ
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
VDD=5V
VDD=1.8V
THD + Noise vs. Output Voltage
VDD=5V, Gv=6dB, RG=5kΩ, RF=5KΩ, Ta=25ºC
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Output Voltage [Vrms]
f=1kHz
f=500Hz
f=100Hz
Output Voltage vs. Output Current (Temperature)
VDD=1.8V, VICM=0.9
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.001
0.01
0.1
1
10
Output Current [mA]
Ta=85ºC
Ta=25ºC
Ta=-40ºC
Ta=85ºC
Ta=25ºC
Ta=-40ºC
Output Voltage vs. Output Current (Temperature)
VDD=5V, VICM=2.5V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.001
0.01
0.1
1
10
100
Output Current [mA]
Ta=85ºC
Ta=25ºC
Ta=-40ºC
Ta=85ºC
Ta=25ºC
Ta=-40ºC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com