Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU8790 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU8790
Description  Pushbutton Interface EVR with Class D Stereo Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8790 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU8790 Datasheet HTML 3Page - New Japan Radio NJU8790 Datasheet HTML 4Page - New Japan Radio NJU8790 Datasheet HTML 5Page - New Japan Radio NJU8790 Datasheet HTML 6Page - New Japan Radio NJU8790 Datasheet HTML 7Page - New Japan Radio NJU8790 Datasheet HTML 8Page - New Japan Radio NJU8790 Datasheet HTML 9Page - New Japan Radio NJU8790 Datasheet HTML 10Page - New Japan Radio NJU8790 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
- 7 -
NJU8790
♦UP (pin 20)
PIN CONDITION
FUNCTION
OPEN(L)→H
Volume setting is increased 1 step. In the cace that “H” signal inputs more than Auto Increment
Distinction Time, volume setting is increased continuously.
H→OPEN(L)
No change.
* The “Toggle SW mode” does not support.
♦DOWN (pin 21)
PIN CONDITION
FUNCTION
OPEN(L)→H
Volume setting is decreased 1 step. In the cace that “H” signal inputs more than Auto Increment
Distinction Time, volume setting is decreased continuously.
H→OPEN(L)
No change.
* The “Toggle SW mode” does not support.
♦TEST (pin 27)
PIN CONDITION
FUNCTION
L
Normal operation mode
H
Test mode. Do not use for normal operation.
♦TEST1 (pin 7)
PIN CONDITION
FUNCTION
L
Normal operation mode
H
Test mode. Do not use for normal operation.
♦VOLADJ (pin 41)
CONNECTED
RESISTANCE
FUNCTION
0Ω to 20kΩ
Volume initial value: -12dB
40Ω to 60kΩ
Volume initial value: -16dB
90kΩ to 110kΩ
Volume initial value: -20dB
150kΩ to OPEN
Volume initial value: -24dB
♦ATTADJ (pin 40)
CONNECTED
RESISTANCE
FUNCTION
0Ω to 20kΩ
Attenuator initial value: -10dB
40Ω to 60kΩ
Attenuator initial value: -15dB
90kΩ to 110kΩ
Attenuator initial value: -20dB
150kΩ to OPEN
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com