Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1241 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1241
Description  3-Chanels Differential Output Line Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1241 Datasheet(HTML) 7 Page - New Japan Radio

  NJW1241 Datasheet HTML 1Page - New Japan Radio NJW1241 Datasheet HTML 2Page - New Japan Radio NJW1241 Datasheet HTML 3Page - New Japan Radio NJW1241 Datasheet HTML 4Page - New Japan Radio NJW1241 Datasheet HTML 5Page - New Japan Radio NJW1241 Datasheet HTML 6Page - New Japan Radio NJW1241 Datasheet HTML 7Page - New Japan Radio NJW1241 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJW1241
– 7 –
TEST CIRCUIT (VNO)
TEST CIRCUIT (CS)
C1=1uF
C5=1uF
C7=1uF
V+
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
C2=1uF
C3=1uF
V+
R2=680kΩ
C8=1uF
V+Reg
RegCNT
32
IN1
OUT1A
1
31
2
30
IN2
OUT2A
3
29
4
28
IN3
OUT3A
5
27
6
Negative
Voltage
Regulator
Pop Noise
Suppression
Bias
REF1
REF2
REF3
OUT1B
OUT2B
OUT3B
7
8
9
10
11
12
13
14
15
16
26
25
24
23
22
21
20
19
18
17
MUTE
GND
MUTE _TC
V+A
GAIN
V-OUT
CN
GND
CP
FB
NC
CLK
NC
NC
NC
Gain Select
6dB/8dB
NC
NC
100kΩ
100kΩ
V-IN
V-OUT [Pin 10]
C6=1uF
C9=1uF
Mute
Mute
50kΩ
Mute
Mute
50kΩ
Mute
Mute
50kΩ
C10=10uF
+
V
V
C1=1uF
C5=1uF
C7=1uF
V+
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
RL=47kΩ
C2=1uF
C3=1uF
V+
R2=680kΩ
C8=1uF
V+Reg
RegCNT
32
IN1
OUT1A
1
31
2
30
IN2
OUT2A
3
29
4
28
IN3
OUT3A
5
27
6
Negative
Voltage
Regulator
Pop Noise
Suppression
Bias
REF1
REF2
REF3
OUT1B
OUT2B
OUT3B
7
8
9
10
11
12
13
14
15
16
26
25
24
23
22
21
20
19
18
17
MUTE
GND
MUTE _TC
V+A
GAIN
V-OUT
CN
GND
CP
FB
NC
CLK
NC
NC
NC
Gain Select
6dB/8dB
NC
NC
100kΩ
100kΩ
V-IN
V-OUT [Pin 10]
C6=1uF
C9=1uF
Mute
Mute
50kΩ
Mute
Mute
50kΩ
Mute
Mute
50kΩ
C10=10uF
+
V
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com