Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4154 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW4154
Description  Switching Regulator IC for Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4154 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW4154 Datasheet HTML 14Page - New Japan Radio NJW4154 Datasheet HTML 15Page - New Japan Radio NJW4154 Datasheet HTML 16Page - New Japan Radio NJW4154 Datasheet HTML 17Page - New Japan Radio NJW4154 Datasheet HTML 18Page - New Japan Radio NJW4154 Datasheet HTML 19Page - New Japan Radio NJW4154 Datasheet HTML 20Page - New Japan Radio NJW4154 Datasheet HTML 21Page - New Japan Radio NJW4154 Datasheet HTML 22Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
NJW4154
- 21 -
Ver.2013-03-29
Application Design Examples
Buck Converter Application Circuit
IC
Input Voltage
: NJW4154GM1-A
: VIN=12V
Output Voltage
: VOUT=5V
Output Current
: IOUT=3A
Oscillation frequency
: fosc=300kHz
SW
PG
GND
IN-
SBD
NJW4154
V+
EN/SYNC
EN/SYNC
High: ON
Low: OFF
(Standby)
Pow er Good
(NJW4154GM1 only)
C
FB
15pF
R2
160kΩ
C
OUT
100µF/6.3V
L
4.7µH/5.6A
V
IN=12V
C
IN1
10µF/50V
R1
30kΩ
R
FB
0Ω
(Short)
V
OUT=5V
C
IN2
0.47µF/50V
Reference
Qty.
Part Number
Description
Manufacturer
IC
1
NJW4154
Internal 3A MOSFET SW.REG. IC
New JRC
L
1
CDRH127NP-4R7N
Inductor 4.7
µH, 5.6A
Sumida
SBD
1
MBRS540T3G
Schottky Diode 40V, 5A
ON
Semiconductor
CIN1
1
UMK325BJ106MM
Ceramic Capacitor 3225 10
µF, 50V, X5R
Taiyo Yuden
CIN2
1
0.47
µF
Ceramic Capacitor 2012 0.47
µF, 50V, B
Std.
COUT
1
GRM32EB30J107ME16L
Ceramic Capacitor 3225 100
µF, 6.3V, B
Murata
CFB
1
15pF
Ceramic Capacitor 1608 15pF, 50V, CH
Std.
RFB
1
0
Ω (Short)
Optional
⎯
R1
1
30k
Ω
Resistor 1608 30k
Ω, ±1%, 0.1W
Std.
R2
1
160k
Ω
Resistor 1608 160k
Ω, ±1%, 0.1W
Std.
Technical Information
NJW4154 Application Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com