Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4158 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4158
Description  Switching Regulator IC for Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4158 Datasheet(HTML) 7 Page - New Japan Radio

  NJW4158 Datasheet HTML 1Page - New Japan Radio NJW4158 Datasheet HTML 2Page - New Japan Radio NJW4158 Datasheet HTML 3Page - New Japan Radio NJW4158 Datasheet HTML 4Page - New Japan Radio NJW4158 Datasheet HTML 5Page - New Japan Radio NJW4158 Datasheet HTML 6Page - New Japan Radio NJW4158 Datasheet HTML 7Page - New Japan Radio NJW4158 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJW4158
- 7 -
Ver.2012-08-06
TYPICAL CHARACTERISTICS
Minimum ON Time vs. Temperature
(V
+=12V)
0
100
200
300
400
500
600
700
800
900
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
V
+=40V
V
+=12V
V
+=6V
Under Voltage Lockout Voltage vs. Temperature
4.4
4.6
4.8
5
5.2
5.4
5.6
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
VT_ON
VT_OFF
Maximum Duty Cycle vs. Temperature
(V
+=12V, V
IN-=0.7V)
84
86
88
90
92
94
96
98
100
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
Quiescent Current vs. Temperature
(RL=no load, VIN-=0.7V)
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
255075
100
125
150
Ambient Temperature Ta (°C)
V
+=40V
V
+=12V
V
+=6V
Soft Start Time vs. Temperature
(V
+=12V, V
B=0.75V)
4
6
8
10
12
14
16
18
20
-50
-25
0
255075
100
125
150
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com