Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4181 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4181
Description  High Voltage Very low current consumption Io=100mA Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4181 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4181 Datasheet HTML 3Page - New Japan Radio NJW4181 Datasheet HTML 4Page - New Japan Radio NJW4181 Datasheet HTML 5Page - New Japan Radio NJW4181 Datasheet HTML 6Page - New Japan Radio NJW4181 Datasheet HTML 7Page - New Japan Radio NJW4181 Datasheet HTML 8Page - New Japan Radio NJW4181 Datasheet HTML 9Page - New Japan Radio NJW4181 Datasheet HTML 10Page - New Japan Radio NJW4181 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJW4181
- 7 -
Ver.2013-04-15
NJW4181_5.0V
Dropout Voltage vs. Output Current
0
1
2
3
0
50
100
150
200
Output Current [mA]
Vin = 7.0V
Co = 2.2uF
Cin = 0.1uF
NJW4181_5.0V
Peak Output Current vs. Input Voltage
0
50
100
150
200
250
300
0
1020
3040
Input Voltage [V]
Vin = 7.0V
Co = 2.2uF
Cin = 0.1uF
NJW4181_5.0V
Short Circuit Current vs. Input Voltage
0
20
40
60
80
100
0
1020
3040
Input Voltage [V]
Vin = 7.0V
Co = 2.2uF
Cin = 0.1uF
NJW4181_5.0V
Ripple Rejection Ratio vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
Frequency [Hz]
Io = 1uA
Io = 1mA
Io = 10mA
Io = 30mA
Io = 100mA
Vin = 8.0V
Cin = 0.1uF
Co = 2.2uF
NJW4181_5.0V
Ripple Rejection Ratio vs. Output Current
0
25
50
75
100
0
0
0
1
10
100
1k
Output Current [mA]
Vin = 8.0V
Cin = 0.1uF
Co = 2.2uF
NJW4181_5.0V
Equlvalent Serise Resistance vs. Output Current
0.01
0.1
1
10
100
0.001
0.1
10
1000
Output Current [mA]
Cin = 0.1uF
Co = 2.2uF
Stable Region
■
NJW4181-05 TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com