Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4184 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4184
Description  High Voltage Very low current consumption Io=300mA Low Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4184 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4184 Datasheet HTML 3Page - New Japan Radio NJW4184 Datasheet HTML 4Page - New Japan Radio NJW4184 Datasheet HTML 5Page - New Japan Radio NJW4184 Datasheet HTML 6Page - New Japan Radio NJW4184 Datasheet HTML 7Page - New Japan Radio NJW4184 Datasheet HTML 8Page - New Japan Radio NJW4184 Datasheet HTML 9Page - New Japan Radio NJW4184 Datasheet HTML 10Page - New Japan Radio NJW4184 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJW4184
- 7 -
Ver.2012-06-27
*In the case of using a resistance "R" between VIN and control.
If this resistor is inserted, it can reduce the control current when the control voltage is high.
The applied voltage to control terminal should set to consider voltage drop through the resistor “R” and the minimum
control voltage for ON-state.
The VCONT (ON) and ICONT have temperature dependence as shown in the "Control Current vs. Temperature" and "
Control Voltage vs. Temperature" characteristics. Therefore, the resistance "R" should be selected to consider the
temperature characteristics.
*Input Capacitor CIN
Input Capacitor CIN is required to prevent oscillation and reduce power supply ripple for applications when high
power supply impedance or a long power supply line.
Therefore, use the recommended CIN value (refer to conditions of ELECTRIC CHARACTERISTIC) or larger and
should connect between GND and the VIN pin as shortest path as possible to avoid the problem.
*Output Capacitor CO
Output capacitor (CO) will be required for a phase compensation of the internal error amplifier.
The capacitance and the equivalent series resistance (ESR) influence to stable operation of the regulator.
Use of a smaller CO may cause excess output noise or oscillation of the regulator due to lack of the phase
compensation.
On the other hand, Use of a larger CO reduces output noise and ripple output, and also improves output transient
response when rapid load change.
Therefore, use the recommended CO value (refer to conditions of ELECTRIC CHARACTERISTIC) or larger and
should connect between GND and the VOUT pin as shortest path as possible for stable operation
The recommended capacitance depends on the output voltage rank. Especially, low voltage regulator requires larger
CO value.
In addition, you should consider varied characteristics of capacitor (a frequency characteristic, a temperature
characteristic, a DC bias characteristic and so on) and unevenness peculiar to a capacitor supplier enough.
When selecting CO, recommend that have withstand voltage margin against output voltage and superior
temperature characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com