Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4813 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4813
Description  Dual Half Bridge Driver with Boost Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4813 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4813 Datasheet HTML 3Page - New Japan Radio NJW4813 Datasheet HTML 4Page - New Japan Radio NJW4813 Datasheet HTML 5Page - New Japan Radio NJW4813 Datasheet HTML 6Page - New Japan Radio NJW4813 Datasheet HTML 7Page - New Japan Radio NJW4813 Datasheet HTML 8Page - New Japan Radio NJW4813 Datasheet HTML 9Page - New Japan Radio NJW4813 Datasheet HTML 10Page - New Japan Radio NJW4813 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NJW4813
- 7 -
Ver.2012-10-19
TYPICAL CHARACTERISTICS (Boost Converter Block)
Timing Resistor vs. Oscillation Frequency
(VDD_SW=3.7V, Ta=25°C)
400
450
500
550
600
650
700
750
800
850
900
90
100
110
120
130
140
150
Timing Resistor RT (kΩ)
Oscillation Frequency vs. Temperature
(VDD_SW=3.7V, RT=100kΩ)
400
450
500
550
600
650
700
750
800
850
900
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
Reference Voltage vs. Temperature
(VDD_SW=3.7V)
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
Switching Current Limit vs. Temperature
(VDD_SW=3.7V)
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125 150
Ambient Temperature Ta (°C)
Output ON Resistance vs. Temperature
(VDD_SW=3.7V, ISW=100mA)
0
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
255075
100 125
150
Ambient Temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com