Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4840 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4840
Description  High Speed Switching Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4840 Datasheet(HTML) 7 Page - New Japan Radio

  NJW4840 Datasheet HTML 1Page - New Japan Radio NJW4840 Datasheet HTML 2Page - New Japan Radio NJW4840 Datasheet HTML 3Page - New Japan Radio NJW4840 Datasheet HTML 4Page - New Japan Radio NJW4840 Datasheet HTML 5Page - New Japan Radio NJW4840 Datasheet HTML 6Page - New Japan Radio NJW4840 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJW4840
- 7 -
Ver.2012-08-22
CHARACTERISTICS
NJW4840
Output ON Resistance-Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100 125 150
Ambient Temperature[ºC]
PMOS
NMOS
VDD=16V
Io=100mA
NJW4840
Input Threshold Voltage-Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100 125 150
Ambient Temperature[ºC]
Input Terminal Low
Voltage
Input Terminal High
Voltage
NJW4840
Output Rise/Fall Time-Temperature
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100 125 150
Ambient Temperature[ºC]
Output Rise Time:tr
Output Fall Time:tf
NJW4840
Output Propagation Delay Time-Temperature
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100 125 150
Ambient Temperature[ºC]
Output Rise Delay Time:td_on
Output Fall Delay Time:td_off
[CAUTION]
The specifications on this datasheets are only
given for information , without any guarantee as
regards either mistakes or omissions.
The application circuits in this datasheets are
described only to show representative usages of
the product and not intended for the guarantee or
permission of any right including the industrial
rights.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com