Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT373CSC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74ABT373CSC
Description  Octal Transparent Latch with 3-STATE Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT373CSC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ABT373CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 9Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Loading
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
FIGURE 2. Test Input Signal Levels
FIGURE 3. Test Input Signal Requirements
AC Waveforms
FIGURE 4. Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
FIGURE 5. Propagation Delay,
Pulse Width Waveforms
FIGURE 6. 3-STATE Output HIGH
and LOW Enable and Disable Times
FIGURE 7. Setup Time, Hold Time
and Recovery Time Waveforms
Amplitude
Rep. Rate
tw
tr
tf
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com