Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTCM322 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTCM322
Description  MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTCM322 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTCM322 Datasheet HTML 1Page - Diodes Incorporated ZXTCM322 Datasheet HTML 2Page - Diodes Incorporated ZXTCM322 Datasheet HTML 3Page - Diodes Incorporated ZXTCM322 Datasheet HTML 4Page - Diodes Incorporated ZXTCM322 Datasheet HTML 5Page - Diodes Incorporated ZXTCM322 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXTCM322
ISSUE 2 - JUNE 2002
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
83
°C/W
Junction to Ambient (b)
RθJA
51
°C/W
Junction to Ambient (d)
RθJA
125
°C/W
Junction to Ambient (e)
RθJA
42
°C/W
THERMAL RESISTANCE
NOTES
(a) For a single device surface mounted on 10sq cm1oz copper on FR4 PCB in still air conditions with all exposed pads attached.
(b) For a single device surface mounted on 10sq cm1oz copper on FR4 PCB in still air conditions measured at t 5 secs with all exposed pads
attached.
(c) Repetitive rating - pulse width limited by max junction temperature. refer to Transient Thermal Impedance graph.
(d) For a single device surface mounted on 10sq cm1oz copper on FR4 PCB in still air conditions with minimal lead connections only.
(e) For a single device surface mounted on 65sq cm2oz copper on FR4 PCB in still air conditions with all exposed pads attached.
(f) The minimum copper dimensions requires for mounting are no smaller than the exposed metal pads on the base of the device, as shown in
the package dimensions data. The thermal resistance for a device mounted on 1.5mm thick FR4 board using minimum copper of 1oz weight and
1mm wide wide tracks is Rth=300 C giving a power rating of Ptot=420mW.
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
7.5
V
Peak Pulse Current (c)
ICM
6A
Continuous Collector Current (a)
IC
4A
Base Current
IB
1000
mA
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
1.5
12
W
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
2.45
19.6
W
mW/°C
Power Dissipation at TA=25°C (d)
Linear Derating Factor
PD
1
8
W
mW/°C
Power Dissipation at TA=25°C (e)
Linear Derating Factor
PD
3
24
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS.
OBSOLETE - PLEASE USE ZXTN619MA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com