Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTCM322TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTCM322TC
Description  MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTCM322TC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTCM322TC Datasheet HTML 1Page - Diodes Incorporated ZXTCM322TC Datasheet HTML 2Page - Diodes Incorporated ZXTCM322TC Datasheet HTML 3Page - Diodes Incorporated ZXTCM322TC Datasheet HTML 4Page - Diodes Incorporated ZXTCM322TC Datasheet HTML 5Page - Diodes Incorporated ZXTCM322TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTCM322
ISSUE 2 - JUNE 2002
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
100
190
V
IC=100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
50
65
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
7.5
8.2
V
IE=100 A
Collector Cut-Off Current
ICBO
25
nA
VCB=80V
Emitter Cut-Off Current
IEBO
25
nA
VEB=6V
Collector Emitter Cut-Off Current
ICES
25
nA
VCES=40V
Collector-Emitter Saturation
Voltage
VCE(sat)
10
70
145
115
225
270
20
100
200
220
300
320
mV
mV
mV
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=50mA*
IC=1A, IB=10mA*
IC=2A, IB=50mA*
IC=3A, IB=100mA*
IC=4A, IB=200mA*
Base-Emitter Saturation Voltage
VBE(sat)
1.00
1.05
V
IC=4A, IB=200mA*
Base-Emitter Turn-On Voltage
VBE(on)
0.94
1.00
V
IC=4A, VCE=2V*
Static Forward Current Transfer
Ratio
hFE
200
300
200
100
400
450
400
225
40
IC=10mA, VCE=2V*
IC=0.2A, VCE=2V*
IC=1A, VCE=2V*
IC=2A, VCE=2V*
IC=6A, VCE=2V*
Transition Frequency
fT
100
165
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
12
20
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
170
ns
VCC=10V, IC=1A
IB1=IB2=10mA
Turn-Off Time
t(off)
750
ns
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
OBSOLETE - PLEASE USE ZXTN619MA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com