Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSF10N03Z Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMSF10N03Z
Description  SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF10N03Z Datasheet(HTML) 5 Page - Motorola, Inc

  MMSF10N03Z Datasheet HTML 1Page - Motorola, Inc MMSF10N03Z Datasheet HTML 2Page - Motorola, Inc MMSF10N03Z Datasheet HTML 3Page - Motorola, Inc MMSF10N03Z Datasheet HTML 4Page - Motorola, Inc MMSF10N03Z Datasheet HTML 5Page - Motorola, Inc MMSF10N03Z Datasheet HTML 6Page - Motorola, Inc MMSF10N03Z Datasheet HTML 7Page - Motorola, Inc MMSF10N03Z Datasheet HTML 8Page - Motorola, Inc MMSF10N03Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMSF10N03Z
5
Motorola TMOS Power MOSFET Transistor Device Data
Figure 8. Gate–To–Source and Drain–To–Source
Voltage versus Total Charge
RG, GATE RESISTANCE (OHMS)
1.0
10
100
100
10
VGS = 10 V
VDD = 25 V
ID = 1.0 A
TJ = 25°C
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
18
6.0
3.0
12
0
0
4.0
2.0
0
QG, TOTAL GATE CHARGE (nC)
12
6.0
5.0
10
TJ = 25°C
ID = 2.0 A
15
VDS
QT
Q2
Q3
Q1
20
10,000
9.0
8.0
10
25
30
35
40
45
50
VGS
15
1000
td(on)
tr
td(off)
tf
DRAIN–TO–SOURCE DIODE CHARACTERISTICS
The switching characteristics of a MOSFET body diode
are very important in systems using it as a freewheeling or
commutating diode. Of particular interest are the reverse re-
covery characteristics which play a major role in determining
switching losses, radiated noise, EMI and RFI.
System switching losses are largely due to the nature of
the body diode itself. The body diode is a minority carrier de-
vice, therefore it has a finite reverse recovery time, trr, due to
the storage of minority carrier charge, QRR, as shown in the
typical reverse recovery wave form of Figure 15. It is this
stored charge that, when cleared from the diode, passes
through a potential and defines an energy loss. Obviously,
repeatedly forcing the diode through reverse recovery further
increases switching losses. Therefore, one would like a
diode with short trr and low QRR specifications to minimize
these losses.
The abruptness of diode reverse recovery effects the
amount of radiated noise, voltage spikes, and current ring-
ing. The mechanisms at work are finite irremovable circuit
parasitic inductances and capacitances acted upon by high
di/dts. The diode’s negative di/dt during ta is directly con-
trolled by the device clearing the stored charge. However,
the positive di/dt during tb is an uncontrollable diode charac-
teristic and is usually the culprit that induces current ringing.
Therefore, when comparing diodes, the ratio of tb/ta serves
as a good indicator of recovery abruptness and thus gives a
comparative estimate of probable noise generated. A ratio of
1 is considered ideal and values less than 0.5 are considered
snappy.
Compared to Motorola standard cell density low voltage
MOSFETs, high cell density MOSFET diodes are faster
(shorter trr), have less stored charge and a softer reverse re-
covery characteristic. The softness advantage of the high
cell density diode means they can be forced through reverse
recovery at a higher di/dt than a standard cell MOSFET
diode without increasing the current ringing or the noise gen-
erated. In addition, power dissipation incurred from switching
the diode will be less due to the shorter recovery time and
lower switching losses.
0.4
0.5
0.6
0
2.0
4.0
VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus Current
3.0
0.7
1.0
5.0
10
TJ = 25°C
VGS = 0 V
0.8
6.0
7.0
8.0
9.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com