Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT02PC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74ACT02PC
Description  Quad 2-Input NOR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT02PC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ACT02PC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT02PC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
¥ circuits outside databook specifications.
DC Electrical Characteristics for AC
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI
0.5V
20 mA
VI VCC  0.5V
20 mA
DC Input Voltage (VI)
0.5V to VCC  0.5V
DC Output Diode Current (IOK)
VO 0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source or
Sink Current (IO)
r50 mA
DC VCC or Ground Current per
Output Pin (ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Junction Temperature (TJ)
PDIP
140
qC
Supply Voltage (VCC)
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
'V/'t)
AC Devices
VIN from 30% to 70% of VCC
VCC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
'V/'t)
ACT Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
3.0
1.5
2.1
2.1
V
VOUT
0.1V
Input Voltage
4.5
2.25
3.15
3.15
or VCC  0.1V
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
3.0
1.5
0.9
0.9
V
VOUT
0.1V
Input Voltage
4.5
2.25
1.35
1.35
or VCC  0.1V
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
3.0
2.99
2.9
2.9
V
Output Voltage
4.5
4.49
4.4
4.4
IOUT 50 PA
5.5
5.49
5.4
5.4
VIN VIL or VIH
3.0
2.56
2.46
V
IOH 12 mA
4.5
3.86
3.76
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 3)
VOL
Maximum LOW Level
3.0
0.002
0.1
0.1
V
IOUT 50 PA
Output Voltage
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
VIN VIL or VIH
3.0
0.36
0.44
V
IOL 12 mA
4.5
0.36
0.44
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 3)
IIN (Note 5) Maximum Input Leakage Current
5.5
r0.1
r1.0
PAVI VCC, GND
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 4)
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent
5.5
2.0
20.0
PA
VIN VCC
(Note 5)
Supply Current
or GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com