Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACI4410HH Datasheet(PDF) 1 Page - ebm-papst

Part # ACI4410HH
Description  EC axial fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

ACI4410HH Datasheet(HTML) 1 Page - ebm-papst

  ACI4410HH Datasheet HTML 1Page - ebm-papst ACI4410HH Datasheet HTML 2Page - ebm-papst ACI4410HH Datasheet HTML 3Page - ebm-papst ACI4410HH Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EC axial fan
ACI 4410 HH
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Str. 1
D-78112 St. Georgen
Phone +49 (0) 7724 81-0
Fax +49 (0) 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
ACI 4410 HH
Phase
1~
Nominal voltage
VAC
115
Nominal voltage range
VAC
85 .. 132
Speed
min-1
3350
Power input
W
4.4
Min. ambient temperature
°C
-20
Max. ambient temperature
°C
75
Air flow
m3/h
180
Sound power level
B
5.3
Sound pressure level
dB(A)
42
ml = max. load · me = max. efficiency · fa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Web data sheet XI · Page 1 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com


Similar Part No. - ACI4410HH

ManufacturerPart #DatasheetDescription
logo
ebm-papst
ACI4410HH EBMPAPST-ACI4410HH Datasheet
1Mb / 15P
ACmaxx / i-maxx
ACi4410HH EBMPAPST-ACi4410HH Datasheet
454Kb / 1P
GreenTech EC tubeaxial fans
logo
List of Unclassifed Man...
ACI4410HHU ETC2-ACI4410HHU Datasheet
347Kb / 10P
Product Data Sheet ACi 4410 HHU
More results

Similar Description - ACI4410HH

ManufacturerPart #DatasheetDescription
logo
ebm-papst
ACI4420H EBMPAPST-ACI4420H Datasheet
3Mb / 4P
EC axial fan
ACI4420HH EBMPAPST-ACI4420HH Datasheet
3Mb / 4P
EC axial compact fan
ACI4420ML EBMPAPST-ACI4420ML Datasheet
3Mb / 4P
EC axial fan
W1G200HH0152 EBMPAPST-W1G200HH0152 Datasheet
226Kb / 5P
EC axial compact fan
W1G200HH7752 EBMPAPST-W1G200HH7752 Datasheet
228Kb / 5P
EC axial compact fan
W1G250HH3752 EBMPAPST-W1G250HH3752 Datasheet
230Kb / 5P
EC axial compact fan
W1G250HH6752 EBMPAPST-W1G250HH6752 Datasheet
231Kb / 5P
EC axial compact fan
ACI4420H EBMPAPST-ACI4420H_16 Datasheet
7Mb / 4P
EC axial fan
ACI4420ML EBMPAPST-ACI4420ML_16 Datasheet
579Kb / 4P
EC axial fan
W3G250 EBMPAPST-W3G250 Datasheet
762Kb / 2P
EC axial fans
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com