Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7331-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7331-3
Description  3 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 50 Watts Up To 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7331-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7331-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7331-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7331-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
3 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 50 Watts Up To 18 GHz
Configuration
Design
Fixed, Directional Attenuator
Connector 1
TNC Female
Connector 2
SMA Male
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
3
Maximum Input Power, Watts
50
Maximum VSWR
1.6:1
Frequency 1
Range, GHz
DC to 6
VSWR
1.3:1
Attenuation Accuracy, dB
0.75
Frequency 2
Range, GHz
6 to 12.4
VSWR
1.45:1
Attenuation Accuracy, dB
0.75
Frequency 3
Range, GHz
12.4 to 18
VSWR
1.6:1
Attenuation Accuracy, dB
1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
4.01 [101.85]
Width, in [mm]
3 [76.2]
Height, in [mm]
3 [76.2]
.
Weight, lbs [g]
1.796 [814.65]
3 dB Fixed Attenuator, TNC Female To SMA Male
Directional Rated To 50 Watts Up To 18 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 50 Watts Up To 18
GHz PE7331-3
PE7331-3
PE7331-3 REV NC


Similar Part No. - PE7331-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7331-30 PASTERNACK-PE7331-30 Datasheet
350Kb / 3P
30 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 50 Watts Up To 18 GHz
More results

Similar Description - PE7331-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7342-50 PASTERNACK-PE7342-50 Datasheet
353Kb / 3P
50 dB Fixed Attenuator, SMA Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7348-50 PASTERNACK-PE7348-50 Datasheet
353Kb / 3P
50 dB Fixed Attenuator, SMA Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7331-50 PASTERNACK-PE7331-50 Datasheet
350Kb / 3P
50 dB Fixed Attenuator, TNC Female To SMA Male Directional Rated To 50 Watts Up To 18 GHz
PE7338-50 PASTERNACK-PE7338-50 Datasheet
350Kb / 3P
50 dB Fixed Attenuator, TNC Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7339-3 PASTERNACK-PE7339-3 Datasheet
350Kb / 3P
3 dB Fixed Attenuator, TNC Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7342-3 PASTERNACK-PE7342-3 Datasheet
353Kb / 3P
3 dB Fixed Attenuator, SMA Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7343-3 PASTERNACK-PE7343-3 Datasheet
350Kb / 3P
3 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7338-3 PASTERNACK-PE7338-3 Datasheet
350Kb / 3P
3 dB Fixed Attenuator, TNC Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7348-3 PASTERNACK-PE7348-3 Datasheet
353Kb / 3P
3 dB Fixed Attenuator, SMA Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7350-3 PASTERNACK-PE7350-3 Datasheet
350Kb / 3P
3 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com