Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZCAT-E Datasheet(PDF) 1 Page - ITT Industries

Part # ZCAT-E
Description  Clamp Filters For Cable(Sleeve Core Type)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ZCAT-E Datasheet(HTML) 1 Page - ITT Industries

  ZCAT-E Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(1/1)
002-02 / 20061023 / e9a15_zcat_e.fm
• All specifications are subject to change without notice.
Clamp Filters
For Cable(Sleeve Core Type)
ZCAT-E Series
The ZCAT-E series which is mold-free type(resin moldingless) dif-
fers from the traditional ZCAT series in that it is mounted at the har-
ness assembly stage. It possesses a new housing structure that
can be secured simply following the penetration of the harness
making it possible to function with series that feature other applica-
ble harness line diameters. Regarding member configurations,
drastic cost reductions can be realized due to the fact that only 1
sleeve core is needed per case and that polishing work is not
required for core contact surfaces.
FEATURES
• It is possible to replace this product with sleeve cores that have
been installed in singular molds of harness manufacturers.
• TDK original case housing structure makes it possible to per-
form, with one touch, installation and securement following cable
insertion.
• A simplification of the manufacturing process has brought about
weight reduction, making it possible to offer provision at lower
costs.
• High efficiency with small volume.
• Classified disposal is made possible with structural design that
allows for simple separtion of the case(core cover) and the core.
• It is possible to reduce the load on the environment using reus-
able plastic cases(scrapped material recycling). (For the product
with recyclable maretial, symbol -F is added to the part number.)
• Usage of styrene foam has been eliminated by employing paper
wrapping material in the internal design.
APPLICATIONS
Noise countermeasures for the signals and power sources for all
types of electronic equipment(OA, HE, FA equipment)
SPECIFICATIONS
•
Test conditions
Impedance meter or equivalent/ø1mm solder plated copper wire passes
through(1ts)/Unloaded
PACKAGING STYLE AND QUANTITIES
INTERNAL CONSTRUCTION
SHAPES AND DIMENSIONS
Dimensions in mm
CASE COLOR SYMBOL(added to the end of part no.)
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Conformity to RoHS Directive
Part No.
ZCAT1736-0630E
ZCAT1229-0530E-F
Impedance
80
Ω min.
[10 to 100MHz]
40
Ω min.
[10 to 100MHz]
150
Ω min.
[100 to 500MHz]
110
Ω min.
[100 to 500MHz]
Operating temperature
range
–40 to +85°C
Temperature range for
engagement work
0 to +50°C
Operating humidity
range
10 to 95(%)RH
[Maximum wet-bulb temperature: 38.5°C]
Type
Quantity
ZCAT1229
1000
ZCAT1736
600
Part No.
ABC
D
Applicable
cable outer
dia.
Weight
ZCAT1229-0530E-F 30.1
29±1
5±1
12.3±1 ø4 to 5
7g
ZCAT1736-0630E
36.7
35.6±1 6±1
16.8±1 ø5 to 6
21g
Gray
None
Black
-BK
Ferrite Core
Plastic case
B
A
D
C
1000
100
10
1
1
10
100
1000
Frequency(MHz)
ZCAT1736-0630E
ZCAT1229-0530E-F
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - ZCAT-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZCAT-A TDK-ZCAT-A Datasheet
151Kb / 13P
Clamp Filters (Ferrite Core with Case)
ZCAT-B TDK-ZCAT-B Datasheet
151Kb / 13P
Clamp Filters (Ferrite Core with Case)
More results

Similar Description - ZCAT-E

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BAI-001 ITT-BAI-001 Datasheet
77Kb / 1P
SMB/SMC Straight Connectors, Clamp Type for Braided Cable
logo
TDK Electronics
ZCAT3035 TDK-ZCAT3035 Datasheet
128Kb / 4P
Clamp Filters For Cable
logo
CRYSTEK CORPORATION
CS-NM-MSD CRYSTEKMICROWAVE-CS-NM-MSD Datasheet
92Kb / 2P
Type N Plug , Solder Clamp for Semflex LA290 Cable
logo
TDK Electronics
ZCAT1518-0730 TDK-ZCAT1518-0730 Datasheet
128Kb / 4P
Clamp Filters For Cable
ZCAT2035-0930A-BK TDK-ZCAT2035-0930A-BK Datasheet
369Kb / 5P
Clamp Filters (Ferrite Core with Case) For cable
TF1028S TDK-TF1028S Datasheet
760Kb / 27P
Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
logo
Richco, Inc.
SPN-11 RICHCO-SPN-11 Datasheet
59Kb / 1P
STEEL, SANTOPRENE SLEEVE CLAMP
logo
TDK Electronics
ZCAT08V-BK TDK-ZCAT08V-BK Datasheet
101Kb / 7P
Clamp Filters (Ferrite Core with Case) For automobile ECU
ZCAT10D TDK-ZCAT10D Datasheet
151Kb / 13P
Clamp Filters (Ferrite Core with Case)
logo
XFMRS Inc.
XFZCAT1730 XFMRS-XFZCAT1730 Datasheet
80Kb / 1P
Clamp Filter for Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com