Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8F6402AR020SC Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z8F6402AR020SC
Description  Advanced 20MHz 64KB Flash Microcontroller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F6402AR020SC Datasheet(HTML) 5 Page - Zilog, Inc.

  Z8F6402AR020SC Datasheet HTML 1Page - Zilog, Inc. Z8F6402AR020SC Datasheet HTML 2Page - Zilog, Inc. Z8F6402AR020SC Datasheet HTML 3Page - Zilog, Inc. Z8F6402AR020SC Datasheet HTML 4Page - Zilog, Inc. Z8F6402AR020SC Datasheet HTML 5Page - Zilog, Inc. Z8F6402AR020SC Datasheet HTML 6Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PB009511-0903
Z8 Encore!®
Advanced 20MHz 64KB Flash Microcontroller
5
Part Number Suffix Designations
Z8
F
08 21
P
M 020
S
C
Environmental Flow: C = Plastic Standard
Temperature Range (°C):
S = Standard, 0 to 70
E = Extended, -40 to +105
Speed:
020 = 20 MHz
Pin Count:
M = 40
N = 44
R = 64
S = 68
T = 80
Package:
A = LQFP
F = QFP
P = PDIP
V = PLCC
Device Type
Memory Size:
64KB, 4KB RAM
Memory Type:
F = Flash
Device Family



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com