Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC299SC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74AC299SC
Description  8-Input Universal Shift/Storage Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC299SC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74AC299SC Datasheet HTML 1Page - Fairchild Semiconductor 74AC299SC Datasheet HTML 2Page - Fairchild Semiconductor 74AC299SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC299SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC299SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC299SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC299SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC299SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC299SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.fairchildsemi.com
2
Logic Symbols
IEEE/IEC
Truth Table
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
 LOW-to-HIGH Transition
Functional Description
The AC/ACT299 contains eight edge-triggered D-type flip-
flops and the interstage logic necessary to perform syn-
chronous shift left, shift right, parallel load and hold opera-
tions. The type of operation is determined by S0 and S1, as
shown in the Truth Table. All flip-flop outputs are brought
out through 3-STATE buffers to separate I/O pins that also
serve as data inputs in the parallel load mode. Q0 and Q7
are also brought out on other pins for expansion in serial
shifting of longer words.
A LOW signal on MR overrides the Select and CP inputs
and resets the flip-flops. All other state changes are initi-
ated by the rising edge of the clock. Inputs can change
when the clock is in either state provided only that the rec-
ommended setup and hold times, relative to the rising edge
of CP, are observed.
A HIGH signal on either OE1 or OE2 disables the 3-STATE
buffers and puts the I/O pins in the high impedance state.
In this condition the shift, hold, load and reset operations
can still occur. The 3-STATE buffers are also disabled by
HIGH signals on both S0 and S1 in preparation for a paral-
lel load operation.
Inputs
Response
MR
S1
S0 CP
L
X
X
X
Asynchronous Reset; Q0–Q7 LOW
HH
H
 Parallel Load; I/On o Qn
HL
H
 Shift Right; DS0 o Q0, Q0 o Q1, etc.
HH
L
 Shift Left, DS7 o Q7, Q7 o Q6, etc.
H
L
L
X
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com