Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLEC06D Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # ZLEC06D
Description  Global Limit Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ZLEC06D Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  ZLEC06D Datasheet HTML 1Page - Honeywell Solid State Electronics Center ZLEC06D Datasheet HTML 2Page - Honeywell Solid State Electronics Center ZLEC06D Datasheet HTML 3Page - Honeywell Solid State Electronics Center ZLEC06D Datasheet HTML 4Page - Honeywell Solid State Electronics Center ZLEC06D Datasheet HTML 5Page - Honeywell Solid State Electronics Center ZLEC06D Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Contact Block Type
01
07
06
04
03
30
31
34
35
32
33
R
01
A1B
A
ZLA
Contact block type
(see below)
Selection Guide
Pull Reset
Enclosure Type
ZLA
EN50041(Metal)
ZLB
EN50041(Plastic)
ZLC
EN50047(Metal)
ZLD
EN50047(Plastic)
ZLE
3-cable entry (Metal)
ZLF
2-cable entry (Plastic)
M20
C
1/2 NPT
A
conduit
sizes
Acutator Style
(see next page)
1NO/1NC
Snap Action
1NO/1NC
Break Before Make
1NO/1NC
Make Before Break
2NC
Slow Action
2NO
Slow Action
3NC
Slow Action
3NO
Slow Action
2NC/1NO
Break Before Make
2NC/1NO
Make Before Break
2NC/1NO
Break Before Make
1NC/2NO
Make Before Break
ZLS Series Global Limit Switches



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com