Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554BBSHP Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCAL9554BBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554BBSHP Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCAL9554BBSHP Datasheet HTML 34Page - NXP Semiconductors PCAL9554BBSHP Datasheet HTML 35Page - NXP Semiconductors PCAL9554BBSHP Datasheet HTML 36Page - NXP Semiconductors PCAL9554BBSHP Datasheet HTML 37Page - NXP Semiconductors PCAL9554BBSHP Datasheet HTML 38Page - NXP Semiconductors PCAL9554BBSHP Datasheet HTML 39Page - NXP Semiconductors PCAL9554BBSHP Datasheet HTML 40Page - NXP Semiconductors PCAL9554BBSHP Datasheet HTML 41Page - NXP Semiconductors PCAL9554BBSHP Datasheet HTML 42Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
© NXP B.V. 2012.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 10 December 2012
Document identifier: PCAL9554B_PCAL9554C
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
23. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features and benefits . . . . . . . . . . . . . . . . . . . . 2
2.1
Agile I/O features . . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Functional description . . . . . . . . . . . . . . . . . . . 5
6.1
Device address . . . . . . . . . . . . . . . . . . . . . . . . . 5
6.2
Pointer register and command byte . . . . . . . . . 5
6.3
Interface definition . . . . . . . . . . . . . . . . . . . . . . 6
6.4
Register descriptions . . . . . . . . . . . . . . . . . . . . 6
6.4.1
Input port register (00h) . . . . . . . . . . . . . . . . . . 6
6.4.2
Output port register (01h) . . . . . . . . . . . . . . . . . 6
6.4.3
Polarity inversion register (02h) . . . . . . . . . . . . 7
6.4.4
Configuration register (03h) . . . . . . . . . . . . . . . 7
6.4.5
Output drive strength registers (40h, 41h) . . . . 7
6.4.6
Input latch register (42h). . . . . . . . . . . . . . . . . . 8
6.4.7
Pull-up/pull-down enable register (43h) . . . . . . 8
6.4.8
Pull-up/pull-down selection register (44h). . . . . 9
6.4.9
Interrupt mask register (45h) . . . . . . . . . . . . . . 9
6.4.10
Interrupt status register (46h) . . . . . . . . . . . . . . 9
6.4.11
Output port configuration register (47h) . . . . . 10
6.5
I/O port . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
6.6
Power-on reset . . . . . . . . . . . . . . . . . . . . . . . . 11
6.7
Interrupt output (INT) . . . . . . . . . . . . . . . . . . . 11
7
Bus transactions . . . . . . . . . . . . . . . . . . . . . . . 12
7.1
Write commands. . . . . . . . . . . . . . . . . . . . . . . 12
7.2
Read commands . . . . . . . . . . . . . . . . . . . . . . 13
8
Application design-in information . . . . . . . . . 15
8.1
Minimizing IDD when the I/Os are used
to control LEDs . . . . . . . . . . . . . . . . . . . . . . . . 15
8.2
Output drive strength control . . . . . . . . . . . . . 16
8.3
12 V tolerant I/Os . . . . . . . . . . . . . . . . . . . . . . 17
8.4
Power-on reset requirements . . . . . . . . . . . . . 18
8.5
Device current consumption with internal
pull-up and pull-down resistors . . . . . . . . . . . . 20
9
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 21
10
Recommended operating conditions. . . . . . . 21
11
Thermal characteristics . . . . . . . . . . . . . . . . . 21
12
Static characteristics . . . . . . . . . . . . . . . . . . . . 22
12.1
Typical characteristics . . . . . . . . . . . . . . . . . . 24
13
Dynamic characteristics . . . . . . . . . . . . . . . . . 28
14
Parameter measurement information . . . . . . 29
15
Package outline. . . . . . . . . . . . . . . . . . . . . . . . 32
16
Handling information . . . . . . . . . . . . . . . . . . . 34
17
Soldering of SMD packages . . . . . . . . . . . . . . 34
17.1
Introduction to soldering. . . . . . . . . . . . . . . . . 34
17.2
Wave and reflow soldering. . . . . . . . . . . . . . . 34
17.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . 34
17.4
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . 35
18
Soldering: PCB footprints . . . . . . . . . . . . . . . 37
19
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 39
20
Revision history . . . . . . . . . . . . . . . . . . . . . . . 39
21
Legal information . . . . . . . . . . . . . . . . . . . . . . 40
21.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 40
21.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
21.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 40
21.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 41
22
Contact information . . . . . . . . . . . . . . . . . . . . 41
23
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com